Electronic Components Datasheet Search
  English  ▼

X  

80C196KC Datasheet(PDF) 25 Page - Intel Corporation

Part # 80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196KC Datasheet(HTML) 25 Page - Intel Corporation

Back Button 80C196KC Datasheet HTML 17Page - Intel Corporation 80C196KC Datasheet HTML 18Page - Intel Corporation 80C196KC Datasheet HTML 19Page - Intel Corporation 80C196KC Datasheet HTML 20Page - Intel Corporation 80C196KC Datasheet HTML 21Page - Intel Corporation 80C196KC Datasheet HTML 22Page - Intel Corporation 80C196KC Datasheet HTML 23Page - Intel Corporation 80C196KC Datasheet HTML 24Page - Intel Corporation 80C196KC Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 25 page
background image
8XC196KC8XC196KC20
32 THAHBV (MAX) is now specified at a15 ns was formerly unspecified
33 The TLLYV and TLLGV specifications were removed These specifications are not required in high-speed
systems designs
34 Added EXTINT P07 errata to Errata section
The following are the important differences between the -001 and -002 versions of data sheet 270942
1 Express and Commercial devices are combined into one data sheet The Express only data sheet
270794-001 is obsolete
2 Removed KBKC feature set differences pin definition table and SFR locations and bitmaps
3 Added programming pin function to package drawings and pin descriptions
4 Changed absolute maximum temperature under bias from 0 Cto a70 Cto b55 Cto a125 C
5 Replaced VOH2 specification with IOH1 and IIL1 specifications
6 Added IIH1 specification for NMI pulldown resistors
7 Added maximum hold latency table
8 Added external oscillator and external clock circuit drawings
9 Changed Clock Drive TXHXX and TXLXX Min spec to 20 ns
10 Fixed Serial Port TXLXH specification
11 Added 8- and 10-bit mode AD operating conditions tables
12 Specified operating range for sample and convert times
13 Added specification for voltage on analog input pin
14 Put operating conditions for EPROM programming into tabular format
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com