Electronic Components Datasheet Search
  English  ▼

X  

80C196KC Datasheet(PDF) 11 Page - Intel Corporation

Part # 80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

80C196KC Datasheet(HTML) 11 Page - Intel Corporation

Back Button 80C196KC Datasheet HTML 7Page - Intel Corporation 80C196KC Datasheet HTML 8Page - Intel Corporation 80C196KC Datasheet HTML 9Page - Intel Corporation 80C196KC Datasheet HTML 10Page - Intel Corporation 80C196KC Datasheet HTML 11Page - Intel Corporation 80C196KC Datasheet HTML 12Page - Intel Corporation 80C196KC Datasheet HTML 13Page - Intel Corporation 80C196KC Datasheet HTML 14Page - Intel Corporation 80C196KC Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
8XC196KC8XC196KC20
270942 – 17
ICC Max e 413 c Frequency a 9mA
ICC Typ e 350 c Frequency a 9mA
IIDLE Max e 125 c Frequency a 5mA
IIDLE Typ e 088 c Frequency a 3mA
NOTE
Frequencies below 8 MHz are shown for reference only no testing is performed
Figure 7 ICC and IIDLE vs Frequency
AC CHARACTERISTICS
For use over specified operating conditions
Test Conditions Capacitive load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 16 MHz
The system must meet these specifications to work with the 80C196KC
Symbol
Description
Min
Max
Units
Notes
TAVYV
Address Valid to READY Setup
2 TOSC b 68
ns
TYLYH
Non READY Time
No upper limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC b 30
ns
(Note 1)
TLLYX
READY Hold after ALE Low
TOSC b 15
2 TOSC b 40
ns
(Note 1)
TAVGV
Address Valid to Buswidth Setup
2 TOSC b 68
ns
TCLGX
Buswidth Hold after CLKOUT Low
0
ns
TAVDV
Address Valid to Input Data Valid
3 TOSC b 55
ns
(Note 2)
TRLDV
RD Active to Input Data Valid
TOSC b 22
ns
(Note 2)
TCLDV
CLKOUT Low to Input Data Valid
TOSC b 45
ns
TRHDZ
End of RD to Input Data Float
TOSC
ns
TRXDX
Data Hold after RD Inactive
0
ns
NOTES
1 If max is exceeded additional wait states will occur
2 If wait states are used add 2 TOSC
N where N e number of wait states
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com