Electronic Components Datasheet Search
  English  ▼

X  

P82C42PD Datasheet(PDF) 8 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 8 Page - Intel Corporation

Back Button P82C42PD Datasheet HTML 4Page - Intel Corporation P82C42PD Datasheet HTML 5Page - Intel Corporation P82C42PD Datasheet HTML 6Page - Intel Corporation P82C42PD Datasheet HTML 7Page - Intel Corporation P82C42PD Datasheet HTML 8Page - Intel Corporation P82C42PD Datasheet HTML 9Page - Intel Corporation P82C42PD Datasheet HTML 10Page - Intel Corporation P82C42PD Datasheet HTML 11Page - Intel Corporation P82C42PD Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
UPI-C42UPI-L42
Table 2 covers all suspend mode pin states In addi-
tion to the suspend power down mode the UPI-C42
will also support the NMOS power down mode as
outlined in Chapter 4 of the UPI-42AH users manual
Table 2 Suspend Mode Pin States
Pins
Suspend
Ports 1 and 2
Outputs
Tristate
Inputs
Weak Pull-Up
Disabled
DBB(1)
Outputs
Normal
Inputs
Normal
System Control
Disabled
(RD
WR
CS
A0)
Reset
Enabled
Crystal Osc
Disabled
(XTAL1 XTAL2)
Test 0 Test 1
Disabled
Prog
High
Sync
High
EA
Disabled
No Pull-Up
SS
Disabled
Weak Pull-Up
ICC
k
40 mA
NOTES
1 DBB outputs are Tristate unless CS
and RD
are ac-
tive DBB inputs are disabled unless CS
and WR
are
active
2 A ‘‘disabled’’ input will not cause current to be drawn
regardless of input level (within the supply range)
3 Weak pull-ups have current capability of typically 5 mA
NEW UPI-C42 INSTRUCTIONS
The UPI-C42 will support several new instructions to
allow for the use of new C42 features These in-
structions are not necessary to the user who does
not wish to take advantage of any new C42 function-
ality The C42 will be completely compatible with all
current NMOS codeapplications In order to use
new features however some code modifications will
be necessary All new instructions can easily be in-
serted into existing code by use of the ASM-48 mac-
ro facility as shown in the following example
Macname MACRO
DB
63H
ENDM
New Instructions
The following is a list of additions to the UPI-42 in-
struction set These instructions apply only to the
UPI-C42 These instructions must be added to exist-
ing code in order to use any new functionality
SEL PMB0
Select Program Memory Bank 0
OPCODE
0110 0011 (63h)
PC Bit 11 is set to zero on next JMP or CALL instruc-
tion All references to program memory fall within
the range of 0 – 2047 (0 – 7FFh)
SEL PMB1
Select Program Memory Bank 1
OPCODE
0111 0011 (73h)
PC Bit 11 is set to one on next JMP or CALL instruc-
tion All references to program memory fall within
the range of 2048 – 4095 (800h – FFFh)
ENA20
Enables Auto A20 hardware
OPCODE
0011 0011 (33h)
Enables on chip logic to support Hardware A20 Gate
feature Will remain enabled until device is reset
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com