Electronic Components Datasheet Search
  English  ▼

X  

P82C42PD Datasheet(PDF) 20 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 20 Page - Intel Corporation

Back Button P82C42PD Datasheet HTML 16Page - Intel Corporation P82C42PD Datasheet HTML 17Page - Intel Corporation P82C42PD Datasheet HTML 18Page - Intel Corporation P82C42PD Datasheet HTML 19Page - Intel Corporation P82C42PD Datasheet HTML 20Page - Intel Corporation P82C42PD Datasheet HTML 21Page - Intel Corporation P82C42PD Datasheet HTML 22Page - Intel Corporation P82C42PD Datasheet HTML 23Page - Intel Corporation P82C42PD Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
UPI-C42UPI-L42
DRIVING FROM AN EXTERNAL SOURCE
290414 – 18
NOTE
See XTAL1 Configuration Table
290414 – 19
Rise and Fall Times Should Not
Exceed 10 ns Resistors to VCC
are Needed to Ensure VIH e 35V
if TTL Circuitry is Used
LC OSCILLATOR MODE
L
C
NOMINAL
f e
1
2q
0LC
45 H 20 pF
52 MHz
120 H 20 pF
32 MHz
C e
C a 3Cpp
2
Cpp j 5–10 pF
Pin-to-Pin Capacitance
290414 – 20
Each C Should be Approximately 20 pF including Stray Capacitance
CRYSTAL OSCILLATOR MODE
290414 – 21
C1
5 pF (STRAY 5 pF)
C2
(CRYSTAL a STRAY) 8 pF
C3
20 – 30 pF INCLUDING STRAY
Crystal Series Resistance Should
be Less Than 30X at 125 MHz
XTAL1 Configuration Table
XTAL1 Connection
1) to Ground
2) 10 KX Resistor
3) Not Connected
to Ground
Not recommended for CHMOS
Recommended configuration for
Low power configuration
designs Causes approximately
designs which will use both
recommended for CHMOS only
16 mA of additional current flow
NMOS and CHMOS parts This
designs to provide lowest
through the XTAL1 pin on UPI-
configuration limits the additional
possible power consumption
C42 and approximately 11 mA of
current through the XTAL1 pin to
This configuration will not work
additional current through XTAL1
approximately 1 mA while
with the NMOS device
on the UPI-L42
maintaining compatibility with the
NMOS device
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com