Electronic Components Datasheet Search
  English  ▼

X  

P82C42PD Datasheet(PDF) 15 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 15 Page - Intel Corporation

Back Button P82C42PD Datasheet HTML 11Page - Intel Corporation P82C42PD Datasheet HTML 12Page - Intel Corporation P82C42PD Datasheet HTML 13Page - Intel Corporation P82C42PD Datasheet HTML 14Page - Intel Corporation P82C42PD Datasheet HTML 15Page - Intel Corporation P82C42PD Datasheet HTML 16Page - Intel Corporation P82C42PD Datasheet HTML 17Page - Intel Corporation P82C42PD Datasheet HTML 18Page - Intel Corporation P82C42PD Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
UPI-C42UPI-L42
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias
0 Cto a70 C
Storage Temperature
b
65 Cto a150 C
Voltage on Any Pin with
Respect to Ground
b
05V to a7V
Power Dissipation
15 W
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS TA e 0 Cto a70 C VCC e VDD ea5V g10% a33V g10% UPI-L42
Symbol
Parameter
UPI-C42
UPI-L42
Units
Notes
Min
Max
Min
Max
VIL
Input Low Voltage
b
05
08
b
03
a
08
V
All Pins
VIH
Input High Voltage
20
VCC
20
VCC a 03
V
(Except XTAL2 RESET)
VIH1
Input High Voltage
35
VCC
20
VCC a 03
V
(XTAL2 RESET)
VOL
Output Low Voltage (D0–D7)
045
045
V
IOL e 20 mA UPI-C42
IOL e 13 mA UPI-L42
VOL1
Output Low Voltage
045
045
V
IOL e 16 mA UPI-C42
(P10P17 P20P27 Sync)
IOL e 1 mA UPI-L42
VOL2
Output Low Voltage (PROG)
045
045
V
IOL e 10 mA UPI-C42
IOL e 07 mA UPI-L42
VOH
Output High Voltage (D0–D7)
24
24
V
IOH eb400 mA UPI-C42
IOH eb260 mA UPI-L42
VOH1
Output High Voltage
24
24
IOH eb50 mA UPI-C42
(All Other Outputs)
IOH eb25 mA UPI-L42
IIL
Input Leakage Current
g
10
g
10
m
AVSS s VIN s VCC
(T0 T1 RD WR CS A0 EA)
IOFL
Output Leakage Current
g
10
g
10
m
AVSS a 045 s VOUT s VCC
(D0–D7 High Z State)
ILI
Low Input Load Current
b
50 b250 b35
b
175
m
A
Port Pins
(P10P17 P20P27)
Min VIN e 24V
Max VIN e 045V
ILI1
Low Input Load Current
b
40
b
40
m
AVIN s VIL
(RESET SS)
IHI
Port Sink Current
50
mA
VCC e 30V
(P10P17 P20P27)VIH e 50V
IDD
VDD Supply Current
4
25
mA
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com