Electronic Components Datasheet Search
  English  ▼

X  

P82C42PD Datasheet(PDF) 24 Page - Intel Corporation

Part # P82C42PD
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PD Datasheet(HTML) 24 Page - Intel Corporation

Back Button P82C42PD Datasheet HTML 17Page - Intel Corporation P82C42PD Datasheet HTML 18Page - Intel Corporation P82C42PD Datasheet HTML 19Page - Intel Corporation P82C42PD Datasheet HTML 20Page - Intel Corporation P82C42PD Datasheet HTML 21Page - Intel Corporation P82C42PD Datasheet HTML 22Page - Intel Corporation P82C42PD Datasheet HTML 23Page - Intel Corporation P82C42PD Datasheet HTML 24Page - Intel Corporation P82C42PD Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
UPI-C42UPI-L42
Table 4 UPI Instruction Set
Mnemonic
Description
Bytes
Cycles
ACCUMULATOR
ADD A Rr
Add register to A
1
1
ADD A
Rr
Add data memory
1
1
to A
ADD A
data
Add immediate to A
2
2
ADDC A Rr
Add register to A
1
1
with carry
ADDC A
Rr
Add data memory
1
1
to A with carry
ADDC A
data
Add immediate
2
2
to A with carry
ANL A Rr
AND register to A
1
1
ANL A
Rr
AND data memory
1
1
to A
ANL A
data
AND immediate to A
2
2
ORL A Rr
OR register to A
1
1
ORL A
Rr
OR data memory
1
1
to A
ORL A
data
OR immediate to A
2
2
XRL A Rr
Exclusive OR regis-
1
1
ter to A
XRL A
Rr
Exclusive OR data
1
1
memory to A
XRL A
data
Exclusive OR imme-
2
2
diate to A
INC A
Increment A
1
1
DEC A
Decrement A
1
1
CLR A
Clear A
1
1
CPL A
Complement A
1
1
DA A
Decimal Adjust A
1
1
SWAP A
Swap nibbles of A
1
1
RL A
Rotate A left
1
1
RLC A
Rotate A left through
1
1
carry
RR A
Rotate A right
1
1
RRC A
Rotate A right
1
1
through carry
INPUTOUTPUT
IN A Pp
Input port to A
1
2
OUTL Pp A
Output A to port
1
2
ANL Pp
data
AND immediate to
2
2
port
ORL Pp
data
OR immediate to
2
2
port
IN A DBB
Input DBB to A
1
1
clear IBF
OUT DBB A
Output A to DBB
1
1
set OBF
MOV STS A
A4–A7 to Bits 4–7 of
1
1
Status
MOVD A Pp
Input Expander
1
2
port to A
MOVD Pp A
Output A to
1
2
Expander port
ANLD Pp A
AND A to Expander
1
2
port
ORLD Pp A
OR A to Expander
1
2
port
Mnemonic
Description
Bytes
Cycles
DATA MOVES
MOV A Rr
Move register to A
1
1
MOV A
Rr
Move data memory
1
1
to A
MOV A
data
Move immediate to A
2
2
MOV Rr A
Move A to register
1
1
MOV
Rr A
Move A to data
1
1
memory
MOV Rr
data
Move immediate to
2
2
register
MOV
Rr
Move immediate to
2
2
data
data memory
MOV A PSW
Move PSW to A
1
1
MOV PSW A
Move A to PSW
1
1
XCH A Rr
Exchange A and
1
1
register
XCH A
Rr
Exchange A and
1
1
data memory
XCHD A
Rr
Exchange digit of A
1
1
and register
MOVP A
A
Move to A from
1
2
current page
MOVP3 A
A
Move to A from
1
2
page 3
TIMERCOUNTER
MOV A T
Read TimerCounter
1
1
MOV T A
Load TimerCounter
1
1
STRT T
Start Timer
1
1
STRT CNT
Start Counter
1
1
STOP TCNT
Stop TimerCounter
1
1
EN TCNTI
Enable Timer
1
1
Counter Interrupt
DIS TCNTI
Disable Timer
1
1
Counter Interrupt
CONTROL
EN A20
Enable A20 Logic
1
1
EN DMA
Enable DMA Hand-
1
1
shake Lines
EN I
Enable IBF Interrupt
1
1
DIS I
Diable IBF Inter-
1
1
rupt
EN FLAGS
Enable Master
1
1
Interrupts
SEL PMB0
Select Program
1
1
memory bank 0
SEL PMB1
Select Program
1
1
memory bank 1
SEL RB0
Select register
1
1
bank 0
SEL RB1
Select register
1
1
bank 1
UPI-C42UPI-L42 Only
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com