Electronic Components Datasheet Search
  English  ▼

X  

CS82C89 Datasheet(PDF) 4 Page - Intersil Corporation

Part # CS82C89
Description  CMOS Bus Arbiter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C89 Datasheet(HTML) 4 Page - Intersil Corporation

  CS82C89 Datasheet HTML 1Page - Intersil Corporation CS82C89 Datasheet HTML 2Page - Intersil Corporation CS82C89 Datasheet HTML 3Page - Intersil Corporation CS82C89 Datasheet HTML 4Page - Intersil Corporation CS82C89 Datasheet HTML 5Page - Intersil Corporation CS82C89 Datasheet HTML 6Page - Intersil Corporation CS82C89 Datasheet HTML 7Page - Intersil Corporation CS82C89 Datasheet HTML 8Page - Intersil Corporation CS82C89 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4-346
Functional Description
The 82C89 Bus Arbiter operates in conjunction with the
82C88 Bus Controller to interface 80C86, 80C88 processors
to a multi-master system bus (both the 80C86 and 80C88
are configured in their max mode). The processor is
unaware of the arbiter’s existence and issues commands as
though it has exclusive use of the system bus. If the proces-
sor does not have the use of the multi-master system bus,
the arbiter prevents the Bus Controller (82C88), the data
transceivers and the address latches from accessing the
system bus (e.g. all bus driver outputs are forced into the
high impedance state). Since the command sequence was
not issued by the 82C88, the system bus will appear as “Not
Ready” and the processor will enter wait states. The proces-
sor will remain in Wait until the Bus Arbiter acquires the use
of the multi-master system bus whereupon the arbiter will
allow the bus controller, the data transceivers, and the
address latches to access the system. Typically, once the
command has been issued and a data transfer has taken
place, a transfer acknowledge (XACK) is returned to the pro-
cessor to indicate “READY” from the accessed slave device.
The processor then completes its transfer cycle. Thus the
arbiter serves to multiplex a processor (or bus master) onto
a multi-master system bus and avoid contention problems
between bus masters.
Arbitration Between Bus Masters
In general, higher priority masters obtain the bus when a
lower priority master completes its present transfer cycle.
Lower priority bus masters obtain the bus when a higher pri-
ority master is not accessing the system bus. A strapping
option (ANYRQST) is provided to allow the arbiter to surren-
der the bus to a lower priority master as though it were a
master of higher priority. If there are no other bus masters
requesting the bus, the arbiter maintains the bus so long as
its processor has not entered the HALT State. The arbiter will
not voluntarily surrender the system bus and has to be forced
off by another master’s bus request, the HALT State being
the only exception. Additional strapping options permit other
modes of operation wherein the multi-master system bus is
surrendered or requested under different sets of conditions.
Priority Resolving Techniques
Since there can be many bus masters on a multi-master sys-
tem bus, some means of resolving priority between bus
masters simultaneously requesting the bus must be pro-
vided. The 82C89 Bus Arbiter provides several resolving
techniques. All the techniques are based on a priority con-
cept that at a given time one bus master will have priority
above all the rest. There are provisions for using parallel pri-
ority resolving techniques, serial priority resolving tech-
niques, and rotating priority techniques.
Parallel Priority Resolving
The parallel priority resolving technique uses a separate bus
request line BREQ for each arbiter on the multi-master sys-
tem bus, see Figure 1. Each BREQ line enters into a priority
encoder which generates the binary address of the highest
priority BREQ line which is active. The binary address is
decoded by a decoder to select the corresponding BPRN
(Bus Priority In) line to be returned to the highest priority
requesting arbiter. The arbiter receiving priority (BPRN true)
then allows its associated bus master onto the multi-master
system bus as soon as it becomes available (i.e., the bus is
no longer busy). When one bus arbiter gains priority over
another arbiter it cannot immediately seize the bus, it must
wait until the present bus transaction is complete. Upon
completing its transaction the present bus occupant recog-
nizes that it no longer has priority and surrenders the bus by
releasing BUSY. BUSY is an active low “OR” tied signal line
which goes to every bus arbiter on the system bus. When
BUSY goes inactive (high), the arbiter which presently has
bus priority (BPRN true) then seizes the bus and pulls BUSY
low to keep other arbiters off of the bus. See waveform tim-
ing diagram, Figure 2. Note that all multimaster system bus
transactions are synchronized to the bus clock (BCLK). This
allows the parallel priority resolving circuitry or any other pri-
ority resolving scheme employed to settle.
FIGURE 1. PARALLEL PRIORITY RESOLVING TECHNIQUE
FIGURE 2. HIGHER PRIORITY ARBITER OBTAINING THE BUS
FROM A LOWER PRIORITY ARBITER
NOTES:
1. Higher priority bus arbiter requests the Multi-Master system bus.
2. Attains priority.
3. Lower priority bus arbiter releases BUSY.
4. Higher priority bus arbiter then acquires the bus and pulls BUSY
down.
BUS
ARBITER
1
BUS
ARBITER
2
BUS
ARBITER
3
BUS
ARBITER
4
74HC148
PRIORITY
ENCODER
74HC138
3 TO 8
ENCODER
•
•
•
•
BREQ
BPRN
BREQ
BPRN
BREQ
BPRN
BREQ
BPRN
BCLK
BREQ
BPRN
BUSY
1
2
3
4
82C89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com