Electronic Components Datasheet Search
  English  ▼

X  

CS82C89 Datasheet(PDF) 14 Page - Intersil Corporation

Part # CS82C89
Description  CMOS Bus Arbiter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C89 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button CS82C89 Datasheet HTML 7Page - Intersil Corporation CS82C89 Datasheet HTML 8Page - Intersil Corporation CS82C89 Datasheet HTML 9Page - Intersil Corporation CS82C89 Datasheet HTML 10Page - Intersil Corporation CS82C89 Datasheet HTML 11Page - Intersil Corporation CS82C89 Datasheet HTML 12Page - Intersil Corporation CS82C89 Datasheet HTML 13Page - Intersil Corporation CS82C89 Datasheet HTML 14Page - Intersil Corporation CS82C89 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
4-356
Burn-In Circuits
MD82C89 CERDIP
MR82C89 CLCC
NOTES:
1. VCC = 5.5V ± 0.5V, GND = 0V
2. VIH = 4.5V ± 10%, VIL = -0.2V to +0.4V
3. Components Values:
R1 = 1.2k
Ω, 1/4W, 5%
R2 = 47k
Ω, 1/4W, 5%
C1 = 0.01
µF minimum
F0 = 100kHz
± 10%
F1 = F0/2
F2 = F1/2. . . .
F14 = F13/2
11
12
13
14
15
16
17
18
19
10
9
8
7
6
5
4
3
2
1
20
F7
F13
F14
F12
F0
VCC
VCC/2
F8
R2
R2
R2
R2
R2
R1
R1
R1
R2
VCC
C1
R2
R2
R2
R2
R2
R2
R1
R1
R1
VCC/2
F11
F10
F9
F0
F5
F6
4
5
6
7
8
910
11
12
13
321
20 19
15
14
18
17
16
R2
R2
R2
R2
R2
F5
F0
F9
F10
F11
F12
R2
F0
R2
VCC
R1
R1
R1
VCC/ 2
VCC
C1
F13 F7
R2
F14
R2 R2
F6
R2
R2
F8
R1
R1
R1
VCC/ 2
82C89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com