Electronic Components Datasheet Search
  English  ▼

X  

CS82C89 Datasheet(PDF) 11 Page - Intersil Corporation

Part # CS82C89
Description  CMOS Bus Arbiter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C89 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button CS82C89 Datasheet HTML 7Page - Intersil Corporation CS82C89 Datasheet HTML 8Page - Intersil Corporation CS82C89 Datasheet HTML 9Page - Intersil Corporation CS82C89 Datasheet HTML 10Page - Intersil Corporation CS82C89 Datasheet HTML 11Page - Intersil Corporation CS82C89 Datasheet HTML 12Page - Intersil Corporation CS82C89 Datasheet HTML 13Page - Intersil Corporation CS82C89 Datasheet HTML 14Page - Intersil Corporation CS82C89 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
4-353
AC Electrical Specifications VCC = 5.0V ± 10%; GND = 0V:
TA = 0
oC to +70oC (C82C89);
TA = -40
oC to +85oC (I82C89);
TA = -55
oC to +125oC (M82C89)
SYMBOL
PARAMETER
MIN
MAX
UNIT
TEST CONDITIONS
(1)
TCLCL
CLK Cycle Period
125
-
ns
Note 3
(2)
TCLCH
CLK Low Time
55
-
ns
Note 3
(3)
TCHCL
CLK High Time
35
-
ns
Note 3
(4)
TSVCH
Status Active Setup
65
TCLCL-10
ns
Note 3
(5)
TSHCL
Status Inactive Setup
50
TCLCL-10
ns
Note 3
(6)
THVCH
Status Inactive Hold
10
-
ns
Note 3
(7)
THVCL
Status Active Hold
10
-
ns
Note 3
(8)
TBYSBL
BUSY
↓↑ Setup to BCLK↓
20
-
ns
Note 3
(9)
TCBSBL
CBRQ
↓↑ Setup to BCLK↓
20
-
ns
Note 3
(10)
TBLBL
BCLK Cycle Time
100
-
ns
Note 3
(11)
TBHCL
BCLK High Time
30
0.65
(TBLBL)
ns
Note 3
(12)
TCLLL1
LOCK Inactive Hold
10
-
ns
Note 3
(13)
TCLLL2
LOCK Active Setup
40
-
ns
Note 3
(14)
TPNBL
BPRN
↓↑ to BCLK Setup Time
20
-
ns
Note 3
(15)
TCLSR1
SYSB/RESB Setup
0
-
ns
Note 3
(16)
TCLSR2
SYSB/RESB Hold
30
-
ns
Note 3
(17)
TIVIH
Initialization Pulse Width
675
-
ns
Note 3
(18)
TBLBRL
BCLK to BREQ Delay
↓↑
-
35
ns
Note 3
(19)
TBLPOH
BCLK to BPRO
↓↑
-
35
ns
Note 1 and 3
(20)
TPNPO
BPRN
↓↑ to BPRO↓↑ Delay
-
22
ns
Note 1 and 3
(21)
TBLBYL
BCLK to BUSY Low
-
60
ns
Note 3
(22)
TBLBYH
BCLK to BUSY Float
-
35
ns
Note 2 and 3
(23)
TCLAEH
CLK to AEN High
-
65
ns
Note 3
(24)
TBLAEL
BCLK to AEN Low
-
40
ns
Note 3
(25)
TBLCBL
BCLK to CBRQ Low
-
60
ns
Note 3
(26)
TBLCBH
BCLK to CBRQ Float
-
40
ns
Note 2 and 3
(27)
TOLOH
Output Rise Time
-
20
ns
From 0.8V to 2.0V, Note 4
(28)
TOHOL
Output Fall Time
-
12
ns
From 2.0V to 0.8V, Note 4
(29)
TILIH
Input Rise Time
-
20
ns
From 0.8V to 2.0V
(30)
TIHIL
Input Fall Time
-
20
ns
From 2.0V to 0.8V
NOTES:
1. BCLK generates the first BPRO wherein subsequent BPRO changes lower in the chain are generated through BPRON.
2. Measured at 0.5V above GND.
3. All AC parameters tested as per AC test load circuits. Input rise and fall times are driven at 1ns/V.
4. Except BUSY and CBRQ
82C89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com