Electronic Components Datasheet Search
  English  ▼

X  

CS82C89 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CS82C89
Description  CMOS Bus Arbiter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CS82C89 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CS82C89 Datasheet HTML 7Page - Intersil Corporation CS82C89 Datasheet HTML 8Page - Intersil Corporation CS82C89 Datasheet HTML 9Page - Intersil Corporation CS82C89 Datasheet HTML 10Page - Intersil Corporation CS82C89 Datasheet HTML 11Page - Intersil Corporation CS82C89 Datasheet HTML 12Page - Intersil Corporation CS82C89 Datasheet HTML 13Page - Intersil Corporation CS82C89 Datasheet HTML 14Page - Intersil Corporation CS82C89 Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
4-354
AC Test Load Circuits
BUSY, CBRQ LOAD CIRCUIT
AEN LOAD CIRCUIT
BPRO, BREQ LOAD CIRCUIT
NOTE: Includes Stray and Jig Capacitance
AC Testing Input, Output Waveform
AC Testing: Inputs are driven at VIH +0.4V for a logic “1” and VIL
-0.4V for a logic “0”. The clock is driven at VCC -0.4V and 0.4V. Tim-
ing measurements are made at 1.5V for both a logic “1” and “0”.
TEST
POINT
100pF
102
Ω
OUTPUT FROM
DEVICE
UNDER TEST
2.5V
(NOTE)
TEST
POINT
2.9V
100pF
OUTPUT FROM
DEVICE
UNDER TEST
157.2
Ω
(NOTE)
TEST
POINT
2.9V
100pF
OUTPUT FROM
DEVICE
UNDER TEST
249.6
Ω
(NOTE)
1.5V
1.5V
VIL -0.4V
INPUT
VIH +0.4V
VOL
OUTPUT
VOH
82C89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com