Electronic Components Datasheet Search
  English  ▼

X  

UPA607 Datasheet(PDF) 3 Page - NEC

Part # UPA607
Description  P-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA607 Datasheet(HTML) 3 Page - NEC

  UPA607 Datasheet HTML 1Page - NEC UPA607 Datasheet HTML 2Page - NEC UPA607 Datasheet HTML 3Page - NEC UPA607 Datasheet HTML 4Page - NEC UPA607 Datasheet HTML 5Page - NEC UPA607 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
µPA607T
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TC - Case Temperature - ˚C
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA - Ambient Temperature - ˚C
DRAIN CURRENT vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
GATE TO SOURCE CUT-OFF VOLTAGE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
FORWARD TRANSFER ADMITTANCE
vs. DRAIN CURRENT
ID - Drain Current - mA
20
100
80
60
40
20
40
60
80
100
120
140
0
160
30
200
240
160
120
80
40
60
90
120
150
180
210
0
–2
–100
–80
–60
–40
–20
0
–14
–4
–6
–8
–10
–12
–120
–10 V
Pulsed
measurement
–8 V
–6 V
VGS = –4 V
0
–15
–5
–10
–100
–10
–0.001
–1
–0.1
–0.01
VDS = –5.0 V
Pulsed
measurement
–30
150
0
306090
120
–2.4
VDS
= –5.0 V
ID = –1
A
µ
–2.2
–2.0
–1.8
–1.6
–1.4
–1.2
–1
–100
–2
–5
–10
–20
–50
100
50
10
20
2
5
1
VDS = –5.0 V
Pulsed
measurement
TA
= –25 ˚C
25 ˚C
75 ˚C
150 ˚C
TA = 150 ˚C
75 ˚C
25 ˚C
–25 ˚C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com