Electronic Components Datasheet Search
  English  ▼

X  

UPA607 Datasheet(PDF) 1 Page - NEC

Part # UPA607
Description  P-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA607 Datasheet(HTML) 1 Page - NEC

  UPA607 Datasheet HTML 1Page - NEC UPA607 Datasheet HTML 2Page - NEC UPA607 Datasheet HTML 3Page - NEC UPA607 Datasheet HTML 4Page - NEC UPA607 Datasheet HTML 5Page - NEC UPA607 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
µPA607T
The
µPA607T is a mini-mold device provided with two
MOS FET elements. It achieves high-density mounting
and saves mounting costs.
FEATURES
•
Two MOS FET elements in package the same size as
SC-59
•
Complement to
µPA606T
•
Automatic mounting supported
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
–50
V
Gate to Source Voltage
VGSS
+16
V
Drain Current (DC)
ID(DC)
–100
mA
Drain Current (pulse)
ID(pulse)*
–200
mA
Total Power Dissipation
PT
300 (Total)
mW
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C
* PW
≤ 10 ms, Duty Cycle ≤ 50 %
Document No. G11254EJ1V0DS00 (1st edition)
Date Published June 1996 P
Printed in Japan
PACKAGE DIMENSIONS (in millimeters)
0.32
+0.1
–0.05
0.16
+0.1
–0.06
0.95
1.9
0.8
2.9 ±0.2
1.1 to 1.4
0 to 0.1
0.95
PIN CONNECTION
654
123
1. Source 1
2. Gate 1
3. Drain 2
4. Source 2
5. Gate 2
6. Drain 1
P-CHANNEL MOS FET (6-PIN 2 CIRCUITS)
FOR SWITCHING


Similar Part No. - UPA607

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA607T RENESAS-UPA607T Datasheet
179Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1996
logo
VBsemi Electronics Co.,...
UPA607T VBSEMI-UPA607T Datasheet
504Kb / 9P
Dual P-Channel 60-V (D-S) MOSFET
More results

Similar Description - UPA607

ManufacturerPart #DatasheetDescription
logo
NEC
2SJ165 NEC-2SJ165 Datasheet
384Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ197 NEC-2SJ197 Datasheet
301Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ199 NEC-2SJ199 Datasheet
308Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
2SJ243 NEC-2SJ243 Datasheet
61Kb / 6P
P-CHANNEL MOS FET FOR SWITCHING
UPA505T NEC-UPA505T Datasheet
88Kb / 9P
N-CHANNEL/P-CHANNEL MOS FET 5-PIN 2 CIRCUITS
UPA572T NEC-UPA572T Datasheet
64Kb / 6P
N-CHANNEL MOS FET 5-PIN 2 CIRCUITS FOR SWITCHING
UPA573T NEC-UPA573T Datasheet
63Kb / 6P
P-CHANNEL MOS FET 5-PIN 2 CIRCUITS FOR SWITCHING
UPA602T NEC-UPA602T Datasheet
62Kb / 6P
N-CHANNEL MOS FET 6-PIN 2 CIRCUITS
UPA603T NEC-UPA603T Datasheet
63Kb / 6P
P-CHANNEL MOS FET 6-PIN 2 CIRCUITS
UPA606T NEC-UPA606T Datasheet
62Kb / 6P
N-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com