Electronic Components Datasheet Search
  English  ▼

X  

UPA607 Datasheet(PDF) 2 Page - NEC

Part # UPA607
Description  P-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA607 Datasheet(HTML) 2 Page - NEC

  UPA607 Datasheet HTML 1Page - NEC UPA607 Datasheet HTML 2Page - NEC UPA607 Datasheet HTML 3Page - NEC UPA607 Datasheet HTML 4Page - NEC UPA607 Datasheet HTML 5Page - NEC UPA607 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
µPA607T
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-off Current
IDSS
VDS = –50 V, VGS = 0
–
–
–1.0
µA
Gate Leakage Current
IGSS
VGS = +16 V, VDS = 0
–
–
+1.0
µA
Gate Cut-off Voltage
VGS(off)
VDS = –5.0 V, ID = –1.0
µA
–1.5
–1.9
–2.5
V
Forward Transfer Admittance
|yfs|VDS = –5.0 V, ID = –10 mA
15
–
–
mS
Drain to Source On-State Resistance
RDS(on)1
VGS = –4.0 V, ID = –10 mA
–
60
100
Ω
Drain to Source On-State Resistance
RDS(on)2
VGS = –10 V, ID = –10 mA
–
40
60
Ω
Input Capacitance
Ciss
VDS = –5.0 V, VGS = 0, f = 1.0 MHz
–
15
–
pF
Output Capacitance
Coss
–10–
pF
Reverse Transfer Capacitance
Crss
–1–
pF
Turn-On Delay Time
td(on)
VGS(on) = –5.0 V, RG = 10
Ω,–
45
–
ns
Rise Time
tr
VDD = –5.0 V, ID = –10 mA, RL = 500
Ω
–75–
ns
Turn-Off Delay Time
td(off)
–25–
ns
Fall Time
tf
–80–
ns
SWITCHING TIME MEASUREMENT CIRCUIT AND CONDITIONS
DUT
PG.
RG
VGS
τ
µ
τ = 1 s
Duty Cycle
≤ 1 %
0
RL
VDD
VGS
ID
VGS(ON)
10 %
90 %
10 %
ID
td(on)
tr
td(off)
tf
Gate
voltage
waveform
Drain
current
waveform
90 %
10 %
90 %
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com