Electronic Components Datasheet Search
  English  ▼

X  

UPA607 Datasheet(PDF) 4 Page - NEC

Part # UPA607
Description  P-CHANNEL MOS FET 6-PIN 2 CIRCUITS FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA607 Datasheet(HTML) 4 Page - NEC

  UPA607 Datasheet HTML 1Page - NEC UPA607 Datasheet HTML 2Page - NEC UPA607 Datasheet HTML 3Page - NEC UPA607 Datasheet HTML 4Page - NEC UPA607 Datasheet HTML 5Page - NEC UPA607 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
µPA607T
4
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. GATE TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
DRAIN TO SOURCE ON-STATE RESISTANCE
vs.DRAIN CURRENT
ID - Drain Current - mA
DRAIN TO SOURCE ON-STATE RESISTANCE
vs. CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
ID - Drain Current - mA
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
–20
–4
–8
–12
–16
100
80
60
40
20
0
ID = –1 mA
Pulsed
measurement
–10 mA
–1
–100
–2
–5
–10
–20
–50
150
100
50
0
VGS = –4 V
Pulsed
measurement
TA = 150 ˚C
75 ˚C
25 ˚C
–25 ˚C
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
150
30
60
90
120
140
120
100
80
60
40
20
VGS = –4 V
ID = –10 mA
0
–30
–100
–1
–10
–50
100
30
10
1
0.3
0.5
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
0.1
3
–2
–5
–20
–500
–20
–50
–100
–200
500
200
100
50
20
10
5
–10
–5
VDD = –5.0 V
VGS = –4 V
RG = 10
Ω
tr
td(on)
tf
td(off)
–1.0
–0.7
–0.8
–0.9
–100
–10
–1
–0.1
–0.6
–0.5
VGS = 0
Pulsed
measurement



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com