Electronic Components Datasheet Search
  English  ▼

X  

AD7492 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7492 Datasheet HTML 9Page - Analog Devices AD7492 Datasheet HTML 10Page - Analog Devices AD7492 Datasheet HTML 11Page - Analog Devices AD7492 Datasheet HTML 12Page - Analog Devices AD7492 Datasheet HTML 13Page - Analog Devices AD7492 Datasheet HTML 14Page - Analog Devices AD7492 Datasheet HTML 15Page - Analog Devices AD7492 Datasheet HTML 16Page - Analog Devices AD7492 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD7492
Rev. A | Page 13 of 24
CIRCUIT DESCRIPTION
CONVERTER OPERATION
The AD7492 is a 12-bit successive approximation analog-to-
digital converter based around a capacitive DAC. The AD7492
can convert analog input signals in the range 0 V to VREF. Figure
12 shows a very simplified schematic of the ADC. The control
logic, SAR register, and capacitive DAC are used to add and
subtract fixed amounts of charge from the sampling capacitor to
bring the comparator back into a balanced condition.
SWITCHES
SAR
CONTROL LOGIC
COMPARATOR
VREF
VIN
CONTROL
INPUTS
CAPACITIVE
DAC
OUTPUT DATA
12-BIT PARALLEL
Figure 12. Simplified Block Diagram of AD7492
Figure 13 shows the ADC during its acquisition phase. SW2 is
closed and SW1 is in Position A. The comparator is held in a
balanced condition and the sampling capacitor acquires the
signal on VIN.
COMPARATOR
CONTROL LOGIC
AGND
2kΩ
SW2
SW1
A
B
VIN
CAPACITIVE
DAC
Figure 13. ADC Acquisition Phase
Figure 14 shows the ADC during conversion. When conversion
starts, SW2 opens and SW1 moves to Position B, causing the
comparator to become unbalanced. The ADC then runs
through its successive approximation routine and brings the
comparator back into a balanced condition. When the
comparator is rebalanced, the conversion result is available in
the SAR register.
COMPARATOR
CONTROL LOGIC
AGND
SW2
SW1
A
B
2kΩ
VIN
CAPACITIVE
DAC
Figure 14. ADC Conversion Phase
TYPICAL CONNECTION DIAGRAM
Figure 15 shows a typical connection diagram for the AD7492.
Conversion is initiated by a falling edge on CONVST. Once
CONVST goes low the BUSY signal goes high, and at the end of
the conversion, the falling edge of BUSY is used to activate an
interrupt service routine. The CS and RD lines are then activated
in parallel to read the 12 data bits. The internal band gap
reference voltage is 2.5 V, providing an analog input range of 0 V
to 2.5 V, making the AD7492 a unipolar A/D. A capacitor with a
minimum capacitance of 100 nF is needed at the output of the
REF OUT pin as it stabilizes the internal reference value. It is
recommended to perform a dummy conversion after power-up as
the first conversion result could be incorrect. This also ensures
that the part is in the correct mode of operation. The CONVST
pin should not be floating when power is applied, as a rising edge
on CONVST might not wake up the part.
In Figure 15 the VDRIVE pin is tied to DVDD, which results in
logic output voltage values being either 0 V or DVDD. The
voltage applied to VDRIVE controls the voltage value of the output
logic signals and the input logic signals. For example, if DVDD is
supplied by a 5 V supply and VDRIVE by a 3 V supply, the logic
output voltage levels would be either 0 V or 3 V. This feature
allows the AD7492 to interface to 3 V parts while still enabling
the A/D to process signals at 5 V supply.
100nF
2.5V
0V TO 2.5V
1nF
AD7492
REF OUT
CS
BUSY
CONVST
RD
++
µC/µP
PARALLELED
INTERFACE
10µF
0.1µF
47µF
AVDD
VDRIVE
DVDD
VIN
ANALOG
SUPPLY
2.7V TO 5.25V
PS/FS
DB0 TO
DB9 (DB11)
Figure 15. Typical Connection Diagram
ADC TRANSFER FUNCTION
The output coding of the AD7492 is straight binary. The
designed code transitions occur at successive integer LSB values
(that is, 1 LSB, 2 LSB, etc.). The LSB size equals 2.5/4096 for the
AD7492. The ideal transfer characteristic for the AD7492 is
shown in Figure 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com