Electronic Components Datasheet Search
  English  ▼

X  

AD7492 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7492 Datasheet HTML 15Page - Analog Devices AD7492 Datasheet HTML 16Page - Analog Devices AD7492 Datasheet HTML 17Page - Analog Devices AD7492 Datasheet HTML 18Page - Analog Devices AD7492 Datasheet HTML 19Page - Analog Devices AD7492 Datasheet HTML 20Page - Analog Devices AD7492 Datasheet HTML 21Page - Analog Devices AD7492 Datasheet HTML 22Page - Analog Devices AD7492 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7492
Rev. A | Page 19 of 24
ADSP-21065Lto AD7492 Interface
Figure 30 shows a typical interface between the AD7492 and the
ADSP-21065L SHARC® processor. This interface is an example
of one of three DMA handshake modes. The MSX control line is
actually three memory select lines. Internal ADDR25–24 are
decoded into MS3-0, these lines are then asserted as chip selects.
The DMAR1 (DMA Request 1) is used in this setup as the
interrupt to signal end of conversion. The rest of the interface is
standard handshaking operation.
AD7492
ADDRESS BUS
DATA BUS
1ADDITIONAL PINS OMITTED FOR CLARITY.
OPTIONAL
ADDRESS
DECODER
ADDRESS
LATCH
ADDRESS
BUS
ADSP-21065L1
ADDR0 TO
ADDR23
MSX
DMAR1
RD
BUSY
DB0 TO DB9
(DB11)
CONVST
CS
RD
D0 TO 31
Figure 30. ADSP-21065L to AD7492 Interface
TMS320C25 to AD7492 Interface
Figure 31 shows an interface between the AD7492 and the
TMS320C25. The CONVST signal can be applied from the
TMS320C25 or from an external source. The BUSY line
interrupts the digital signal processor when conversion is
completed. The TMS320C25 does not have a separate RD
output to drive the AD7492 RD input directly. This has to be
generated from the processor STRB and R/W outputs with the
addition of some glue logic. The RD signal is OR-gated with the
MSC signal to provide the WAIT state required in the read cycle
for correct interface timing. The following instruction is used to
read the conversion from the AD7492:
IN D,ADC
where:
D is the data memory address.
ADC is the AD7492 address.
The read operation must not be attempted during conversion.
ADDRESS BUS
1ADDITIONAL PINS OMITTED FOR CLARITY.
OPTIONAL
DATA BUS
TMS320C251
IS
STRB
READY
MSC
R/W
AD7492
ADDRESS
DECODER
BUSY
DB0 TO DB9
(DB11)
CONVST
CS
RD
DMD0 TO DMD15
A0 TO A15
Figure 31. TMS320C25 to AD7492 Interface
PIC17C4x to AD7492 Interface
Figure 32 shows a typical parallel interface between the AD7492
and PIC17C4x. The microcontroller sees the ADC as another
memory device with its own specific memory address on the
memory map. The CONVST signal can be controlled by either
the microcontroller or an external source. The BUSY signal
provides an interrupt request to the microcontroller when a
conversion ends. The INT pin on the PIC17C4x must be
configured to be active on the negative edge. Port C and Port D
of the microcontroller are bidirectional and used to address the
AD7492 and to read in the 12-bit data. The OE pin on the PIC
can be used to enable the output buffers on the AD7492 and
perform a read operation.
1ADDITIONAL PINS OMITTED FOR CLARITY.
OPTIONAL
PIC17C4x1
OE
INT
ALE
AD7492
ADDRESS
LATCH
BUSY
DB0 TO DB9
(DB11)
CONVST
CS
RD
ADDRESS
DECODER
AD0 TO AD15
Figure 32. PIC17C4x to AD7492 Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com