Electronic Components Datasheet Search
  English  ▼

X  

AD7492 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7492
Description  1.25 MSPS, 16 mW Internal REF and CLK, 12-Bit Parallel ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7492 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7492 Datasheet HTML 16Page - Analog Devices AD7492 Datasheet HTML 17Page - Analog Devices AD7492 Datasheet HTML 18Page - Analog Devices AD7492 Datasheet HTML 19Page - Analog Devices AD7492 Datasheet HTML 20Page - Analog Devices AD7492 Datasheet HTML 21Page - Analog Devices AD7492 Datasheet HTML 22Page - Analog Devices AD7492 Datasheet HTML 23Page - Analog Devices AD7492 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD7492
Rev. A | Page 21 of 24
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MS-013-AD
8°
0°
0.75 (0.0295)
0.25 (0.0098)
× 45°
1.27 (0.0500)
0.40 (0.0157)
0.33 (0.0130)
0.20 (0.0079)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.020)
0.31 (0.012)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
24
13
12
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
15.60 (0.6142)
15.20 (0.5984)
COPLANARITY
0.10
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
Figure 34. 24-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-24)
Dimensions shown in millimeters and (inches)
24
13
12
1
6.40 BSC
4.50
4.40
4.30
PIN 1
7.90
7.80
7.70
0.15
0.05
0.30
0.19
0.65
BSC
1.20
MAX
0.20
0.09
0.75
0.60
0.45
8°
0°
SEATING
PLANE
0.10 COPLANARITY
COMPLIANT TO JEDEC STANDARDS MO-153-AD
Figure 35. 24-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-24)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Resolution (Bits)
Throughput Rate
(MSPS)
Package
Description
Package Option
AD7492AR
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492AR–REEL
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492AR–REEL7
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492ARZ1
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492ARZ–REEL1
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492ARZ–REEL71
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492BR
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492BR-REEL
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492BR–REEL7
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492BRZ1
−40°C to +85°C
12
1
24-Lead SOIC_W
RW-24
AD7492AR-5
−40°C to +85°C
12
1.25
24-Lead SOIC_W
RW-24
AD7492AR-5–REEL
−40°C to +85°C
12
1.25
24-Lead SOIC_W
RW-24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com