Electronic Components Datasheet Search
  English  ▼

X  

L6208Q Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 2Page - STMicroelectronics L6208Q Datasheet HTML 3Page - STMicroelectronics L6208Q Datasheet HTML 4Page - STMicroelectronics L6208Q Datasheet HTML 5Page - STMicroelectronics L6208Q Datasheet HTML 6Page - STMicroelectronics L6208Q Datasheet HTML 7Page - STMicroelectronics L6208Q Datasheet HTML 8Page - STMicroelectronics L6208Q Datasheet HTML 9Page - STMicroelectronics L6208Q Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Pin connection
L6208Q
6/34
DocID018710 Rev 3
3
Pin connection
Figure 2.Pin connection (top view)
Note:
The exposed PAD must be connected to GND pin.
AM02556v1
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
EPAD
OUT1A
OUT1A
NC
NC
OUT1B
OUT1B
NC
NC
GND
NC
NC
NC
VSA
VSA
NC
NC
VSB
VSB
NC
NC
GND
NC
NC
NC
Table 3. Pin description
Pin
Name
Type
Function
43
CLOCK
Logic input
Step clock input. The state machine makes one step on each rising
edge.
44
CW/CCW
Logic input
Selects the direction of the rotation. HIGH logic level sets clockwise
direction, whereas low logic level sets counterclockwise direction. If
not used, it must be connected to GND or +5 V.
45, 46
SENSEA
Power supply
Bridge A source pin. This pin must be connected to power ground
through a sensing power resistor.
48
RCA
RC pin
RC network pin. A parallel RC network connected between this pin
and ground sets the current controller OFF time of bridge A.
2, 3
OUT1A
Power output
Bridge A output 1.
6, 31
GND
GND
Ground terminals. In PowerDIP24 and SO24 packages, these pins
are also used for heat dissipation towards the PCB. On PowerSO36
package the slug is connected to these pins.
10, 11
OUT1B
Power output
Bridge B output 1.
13
RCB
RC pin
RC network pin. A parallel RC network connected between this pin
and ground sets the current controller OFF time of bridge B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com