Electronic Components Datasheet Search
  English  ▼

X  

L6208Q Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 16Page - STMicroelectronics L6208Q Datasheet HTML 17Page - STMicroelectronics L6208Q Datasheet HTML 18Page - STMicroelectronics L6208Q Datasheet HTML 19Page - STMicroelectronics L6208Q Datasheet HTML 20Page - STMicroelectronics L6208Q Datasheet HTML 21Page - STMicroelectronics L6208Q Datasheet HTML 22Page - STMicroelectronics L6208Q Datasheet HTML 23Page - STMicroelectronics L6208Q Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Circuit description
L6208Q
20/34
DocID018710 Rev 3
Figure 18. Half step mode
Figure 19. Normal drive mode
Figure 20. Wave drive mode
5.9
Non-dissipative overcurrent detection and protection
The L6208Q device integrates an overcurrent detection circuit (OCD). With this internal
overcurrent detection, the external current sense resistor normally used and its associated
power dissipation are eliminated. Figure 21 shows a simplified schematic of the overcurrent
detection circuit.
To implement overcurrent detection, a sensing element that delivers a small but precise
fraction of the output current is implemented with each high-side power MOSFET. Since this
current is a small fraction of the output current, there is very little additional power
dissipation. This current is compared with an internal reference current IREF. When the
output current reaches the detection threshold (typically 5.6 A), the OCD comparator signals
a fault condition. When a fault condition is detected, the EN pin is pulled below the turn-off
threshold (1.3 V typical) by an internal open drain MOSFET with a pull-down capability
of 4 mA. By using an external R-C on the EN pin, the OFF time before recovering normal
operation can be easily programmed by means of the accurate thresholds of the logic
inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com