Electronic Components Datasheet Search
  English  ▼

X  

L6208Q Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 5Page - STMicroelectronics L6208Q Datasheet HTML 6Page - STMicroelectronics L6208Q Datasheet HTML 7Page - STMicroelectronics L6208Q Datasheet HTML 8Page - STMicroelectronics L6208Q Datasheet HTML 9Page - STMicroelectronics L6208Q Datasheet HTML 10Page - STMicroelectronics L6208Q Datasheet HTML 11Page - STMicroelectronics L6208Q Datasheet HTML 12Page - STMicroelectronics L6208Q Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
DocID018710 Rev 3
9/34
L6208Q
Electrical characteristics
34
tCLK(min)L Minimum clock time(4)
1µs
tCLK(min) H Minimum clock time(4)
1µs
fCLK
Clock frequency
100
kHz
tS(MIN)
Minimum setup time(5)
1µs
tH(MIN)
Minimum hold time(5)
1µs
tR(MIN)
Minimum reset time(5)
1µs
tRCLK(MIN ) Minimum reset to clock delay time(5)
1µs
tDT
Deadtime protection
0.5
1
µs
fCP
Charge pump frequency
Tj = -25 °C to 125 °C(7)
0.6
1
MHz
tDT
Deadtime protection
0.5
1
µs
fCP
Charge pump frequency
-25 °C < Tj < 125 °C
0.6
1
MHz
PWM comparator and monostable
IRCA, IRCB
Source current at pins RCA and
RCB
VRCA = VRCB = 2.5 V
3.5
5.5
mA
Voffset
Offset voltage on sense comparator VREFA, VREFB = 0.5 V
±5
mV
tPROP
Turn OFF propagation delay(6)
500
ns
tBLANK
Internal blanking time on SENSE
pins
1µs
tON(MIN)
Minimum ON time
1.5
2
µs
tOFF
PWM recirculation time
ROFF = 20 k; COFF = 1 nF
13
µs
ROFF = 100 k; COFF = 1 nF
61
µs
IBIAS
Input bias current at pins VREFA and
VREFB
10
µA
Overcurrent detection
Isover
Input supply overcurrent detection
threshold
-25 °C < Tj < 125 °C
4
5.6
7.1
A
ROPDR
Open drain ON resistance
I = 4 mA
40
60
tOCD(ON)
OCD turn-on delay time (7)
I = 4 mA; CEN < 100 pF
200
ns
tOCD(OFF) OCD turn-off delay time (7)
I = 4 mA; CEN < 100 pF
100
ns
1. Tested at 25 °C in a restricted range and guaranteed by characterization.
2. See Figure 3.
3. See Figure 4.
4. See Figure 5.
5. See Figure 6.
6. Measured applying a voltage of 1 V to pin SENSE and a voltage drop from 2 V to 0 V to pin VREF.
7. See Figure 7.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com