Electronic Components Datasheet Search
  English  ▼

X  

L6208Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6208Q
Description  DMOS driver for bipolar stepper motor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6208Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6208Q Datasheet HTML 3Page - STMicroelectronics L6208Q Datasheet HTML 4Page - STMicroelectronics L6208Q Datasheet HTML 5Page - STMicroelectronics L6208Q Datasheet HTML 6Page - STMicroelectronics L6208Q Datasheet HTML 7Page - STMicroelectronics L6208Q Datasheet HTML 8Page - STMicroelectronics L6208Q Datasheet HTML 9Page - STMicroelectronics L6208Q Datasheet HTML 10Page - STMicroelectronics L6208Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
DocID018710 Rev 3
7/34
L6208Q
Pin connection
34
15, 16
SENSEB
Power supply
Bridge B source pin. This pin must be connected to power ground
through a sensing power resistor.
17
VREFB
Analog input
Bridge B current controller reference voltage. Do not leave this pin
open or connected to GND.
18
HALF/FULL
Logic input
Step mode selector. High logic level sets half step mode, low logic
level sets full step mode. If not used, it must be connected to GND or
+5 V.
19
CONTROL
Logic input
Decay mode selector. High logic level sets slow decay mode. Low
logic level sets fast decay mode. If not used, it must be connected to
GND or +5 V.
20
EN
Logic input(1)
Chip enable. Low logic level switches off all power MOSFETs of both
bridge A and bridge B. This pin is also connected to the collector of
the overcurrent and thermal protection to implement overcurrent
protection. If not used, it must be connected to +5 V through
a resistor.
21
VBOOT
Supply voltage
Bootstrap voltage needed for driving the upper power MOSFETs of
both bridge A and bridge B.
22, 23
OUT2B
Power output
Bridge B output 2.
34, 35
VSA
Power supply
Bridge A power supply voltage. It must be connected to the supply
voltage together with pin VSB.
26, 27
VSB
Power supply
Bridge B power supply voltage. It must be connected to the supply
voltage together with pin VSA.
38, 39
OUT2A
Power Output Bridge A output 2.
40
VCP
Output
Charge pump oscillator output.
41
RESET
Logic Input
Reset pin. Low logic level restores the home state (state 1) on the
phase sequence generator state machine. If not used, it must be
connected to +5 V.
42
VREFA
Analog Input
Bridge A current controller reference voltage. Do not leave this pin
open or connected to GND.
1. Also connected at the output drain of the overcurrent and thermal protection MOSFET. Therefore, it must be driven putting
in series a resistor with a value in the range of 2.2 k
 - 180 k, recommended 100 k.
Table 3. Pin description (continued)
Pin
Name
Type
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com