Electronic Components Datasheet Search
  English  ▼

X  

CDP1879 Datasheet(PDF) 8 Page - Intersil Corporation

Part # CDP1879
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button CDP1879 Datasheet HTML 4Page - Intersil Corporation CDP1879 Datasheet HTML 5Page - Intersil Corporation CDP1879 Datasheet HTML 6Page - Intersil Corporation CDP1879 Datasheet HTML 7Page - Intersil Corporation CDP1879 Datasheet HTML 8Page - Intersil Corporation CDP1879 Datasheet HTML 9Page - Intersil Corporation CDP1879 Datasheet HTML 10Page - Intersil Corporation CDP1879 Datasheet HTML 11Page - Intersil Corporation CDP1879 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
4-111
Operational Sequence
Power is applied and the real-time clock is reset. This sets
the interrupt output pin high. After the CS pin is set high and
with address 7 on the address input lines, the control register
is loaded via the data bus to configure the clock.
With selective addressing, the seconds through month
counters are then written to and loaded to set the current time.
The real-time clock will now hold the current “wall clock” time,
with an accuracy determined by the crystal or external clock
used. If the alarm function is desired, the control register is
accessed and loaded again. This new byte will allow subse-
quent time data to be entered into the seconds, minutes and
hours alarm latches. This sequence is also used when select-
ing one of the 15 available clock-out signals.
If the alarm function was selected, the interrupt output pin
will be set low when the values in the seconds, minutes and
hour alarm latches match those in the seconds, minutes and
hour counters.
If one of the 15 sub second-to-day clock outputs is selected
by the byte in the control register, the clock output pin tog-
gles at that frequency (50% duty cycle) The interrupt output
will also be set low on the first clock out negative transition.
The interrupt source (alarm or clock out) can be determined
by reading the interrupt status register. The clock output can
be deselected by placing zero in the upper nibble of the con-
trol register if the alarm function is selected as the only inter-
rupt source.
Counters
The counter section consists of an on-board oscillator, a
prescaler and 5 counters that hold the time of day/calendar
information (see Figure 2).
1 of 4 possible external crystals determine the frequency of the
on-board oscillator (32,768Hz, 1.048576MHz, 2.097152MHz,
4.194304MHz). The oscillator output is divided down by a pres-
RESET
AM - PM
AND
HOUR LOGIC
PRESCALE
OSCILLATOR
SECOND
XTAL
XTAL
MINUTE
HOUR
DAY
MONTH
FREEZE
CIRCUIT
CALENDAR
LOGIC
PRESCALE
SELECT
CLOCK
SELECT
CONTROL
REGISTER
INT. STATUS
REGISTER
CLOCK AND
INT. LOGIC
CLOCK OUT
INT
VDD
VSS
I/O
INTERFACE
SECOND
LATCH
MINUTE
LATCH
HOUR
LATCH
COMPARATOR
DB0-DB7
A0
A1
A2
TPA
IO/MEM
TPB/WR
RD
CS
POWER DOWN
ADDRESS DECODE
AND
CONTROL LOGIC
8-BIT DATA BUS
FIGURE 3. FUNCTIONAL DIAGRAM - ALARM CIRCUIT, CLOCK OUTPUT, INTERRUPT, AND STATUS REGISTERS HIGHLIGHTED
CDP1879, CDP1879C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com