Electronic Components Datasheet Search
  English  ▼

X  

CDP1879 Datasheet(PDF) 12 Page - Intersil Corporation

Part # CDP1879
Description  CMOS Real-Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CDP1879 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button CDP1879 Datasheet HTML 8Page - Intersil Corporation CDP1879 Datasheet HTML 9Page - Intersil Corporation CDP1879 Datasheet HTML 10Page - Intersil Corporation CDP1879 Datasheet HTML 11Page - Intersil Corporation CDP1879 Datasheet HTML 12Page - Intersil Corporation CDP1879 Datasheet HTML 13Page - Intersil Corporation CDP1879 Datasheet HTML 14Page - Intersil Corporation CDP1879 Datasheet HTML 15Page - Intersil Corporation CDP1879 Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
4-115
Design Considerations for Stable Crystal Oscillation
1. Stray capacitances should be minimized for best oscilla-
tor performance. Circuit board traces should be kept to a
maximum of 1 inch, and there should be no parallel
traces.
2. A signal line or power source line must not cross or go
near the oscillator circuit line.
3. It is advisable to put a 0.1
µF capacitor between VDD and
VSS of the CDP1879.
Standby (Timekeeping) Voltage Operation
When any one of the four specified crystals is used with the
on-board oscillator, the Real-Time Clock can operate at a
minimum of 4V VDD. However, at 32kHz the clock will run
(timekeeping only, no device READ/WRITE accesses) down
to 3V at -40oC to +85oC and 2.5V at 0o to +70oC.
To achieve this low voltage operation, an external 32kHz clock
source must be supplied at the XTAL input (see Figure 7). The
standby requirements for CHIP SELECT/DESELECT are
listed in Table 4, and Figure 8 indicates the timing waveforms.
Figure 9 illustrates the typical timekeeping curve over the full
temperature range.
TABLE 3. TYPICAL OSCILLATOR CIRCUIT PARAMETERS FOR SUGGESTED OSCILLATOR CIRCUIT, SEE FIGURE 6
PARAMETER
4.197MHz
2.097MHz
1.049MHz
32768Hz (NOTE)
UNITS
RF
22
22
22
22
M
Ω
C0
39
39
39
39
pF
C1
5555
pF
RS
-
-
-
200
k
Ω
CL
-
-
-
91
pF
Crystal Impedance
73
200
200
50K (max.)
Ω
NOTE:
CDP1879C-1 only.
FIGURE 5. CONNECTIONS FOR AN EXTERNAL FREQUENCY
SOURCE APPLIED TO REAL-TIME CLOCK
CDP1879
PIN 23
XTAL
EXTERNAL
FREQUENCY
SOURCE
PIN 22
XTAL
FIGURE 6. SUGGESTED OSCILLATOR CIRCUIT APPLIED TO
REAL-TIME CLOCK (SEE TABLE 3)
CDP1879
PIN 23
XTAL
PIN 22
PARALLEL
RESONANT
CRYSTAL
XTAL
RS
CL
CO
CI
RF
5PF
200K
RL
39PF
22 MEG.
RF
1
2
3
14
4
+3V
24
23
22
1/3 CD54/74HC04
CDP1879
FIGURE 7. TYPICAL EXTERNAL CLOCK-SOURCE CIRCUIT
CDP1879, CDP1879C-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com