Electronic Components Datasheet Search
  English  ▼

X  

AD8188 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8188
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188 Datasheet(HTML) 5 Page - Analog Devices

  AD8188 Datasheet HTML 1Page - Analog Devices AD8188 Datasheet HTML 2Page - Analog Devices AD8188 Datasheet HTML 3Page - Analog Devices AD8188 Datasheet HTML 4Page - Analog Devices AD8188 Datasheet HTML 5Page - Analog Devices AD8188 Datasheet HTML 6Page - Analog Devices AD8188 Datasheet HTML 7Page - Analog Devices AD8188 Datasheet HTML 8Page - Analog Devices AD8188 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter1
Rating
Supply Voltage
5.5 V
DVCC to DGND
5.5 V
DVCC to VEE
8.0 V
VCC to DGND
8.0 V
IN0A, IN0B, IN1A, IN1B, IN2A, IN2B, VREF
VEE ≤ VIN ≤ VCC
SEL A/B, OE
DGND ≤ VIN ≤ VCC
Output Short-Circuit Operation
Indefinite
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature Range (Soldering, 10 sec)
300°C
1 Specification is for device in free air (TA = 25°C).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3. Thermal Resistance
Package Type
θJA2
θJC
Unit
24-Lead TSSOP1
85
20
°C/W
1 Maximum internal power dissipation (PD) should be derated for ambient
temperature (TA) such that PD < (150°C TA)/θJA.
2 θJA is on a 4-layer board (2s 2p).
MAXIMUM POWER DISSIPATION
The maximum safe junction temperature for plastic encapsulated
devices is determined by the glass transition temperature of the
plastic, approximately 150°C. Temporarily exceeding this limit
may cause a shift in parametric performance due to a change in
the stresses exerted on the die by the package. Exceeding a
junction temperature of 175°C for an extended period can
result in device failure.
While the AD8188/AD8189 is internally short circuit protected,
this may not be sufficient to guarantee that the maximum junction
temperature (150°C) is not exceeded under all conditions. To
ensure proper operation, it is necessary to observe the
maximum power derating curves shown in Figure 3.
2.5
2.0
1.5
1.0
0.5
0
–50 –40 –30 –20 –10 0
102030405060708090
AMBIENT TEMPERATURE (°C)
Figure 3. Maximum Power Dissipation vs. Temperature
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com