Electronic Components Datasheet Search
  English  ▼

X  

AD8188 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8188
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8188 Datasheet HTML 14Page - Analog Devices AD8188 Datasheet HTML 15Page - Analog Devices AD8188 Datasheet HTML 16Page - Analog Devices AD8188 Datasheet HTML 17Page - Analog Devices AD8188 Datasheet HTML 18Page - Analog Devices AD8188 Datasheet HTML 19Page - Analog Devices AD8188 Datasheet HTML 20Page - Analog Devices AD8188 Datasheet HTML 21Page - Analog Devices AD8188 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 18 of 24
VEE
DGND
IN2B
IN2A
IN0A
IN0B
IN1A
DVCC
OE
VCC
SEL A/B
AD8188
5V
5V
VREF
IN1B
TO A/D,
ETC.
+
–
+
–
+
–
10µF
0.1µF
0.1µF
OUT0
OUT1
OUT2
RGB
SOURCE A
R
G
B
RGB
SOURCE B
R
G
B
4.99kΩ
5V
0.1µF
4.99kΩ
75Ω
0.1µF
4.99kΩ
75Ω
0.1µF
4.99kΩ
75Ω
0.1µF
4.99kΩ
75Ω
0.1µF
4.99kΩ
75Ω
0.1µF
4.99kΩ
75Ω
HI = ENABLE
LO = DISABLE
HI = A
LO = B
4.99kΩ
5V
4.99kΩ
5V
4.99kΩ
5V
4.99kΩ
5V
4.99kΩ
5V
Figure 54. AD8188 AC-Coupling Using Separate Voltage Dividers
VEE
DGND
IN2B
IN2A
IN0A
IN0B
IN1A
DVCC
OE
VCC
SEL A/B
AD8188
5V
5V
VREF
IN1B
TO A/D,
ETC.
+
–
+
–
+
–
10µF
0.1µF
0.1µF
OUT0
OUT1
OUT2
RGB
SOURCE A
R
G
B
RGB
SOURCE B
R
G
B
0.1µF
75Ω
0.1µF
75Ω
0.1µF
75Ω
0.1µF
75Ω
0.1µF
75Ω
0.1µF
75Ω
HI = ENABLE
LO = DISABLE
HI = A
LO = B
100Ω
100Ω
0.1µF
10µF
5V
VMID
4.99kΩ
VMID
4.99kΩ
VMID
4.99kΩ
VMID
4.99kΩ
VMID
4.99kΩ
VMID
4.99kΩ
VMID
Figure 55. AD8188 AC-Coupling Using a Single VMID Reference
The circuit in Figure 55 can increase the crosstalk between
inputs, because each input signal creates a small signal on VMID
due to its nonzero impedance. There are several means to
minimize this. First, make the impedance of the VMID divider
small. Small resistor values lower the dc resistance, and good
bypassing to ground minimizes the ac impedance. It is also
possible to use a voltage regulator or another system supply
voltage if it is the correct value. It should be close to the mid-
supply voltage of the AD8188.
The second technique for minimizing crosstalk is to use large
resistor values to connect from the inputs to VMID. The major factor
limiting the value of these resistors is offset caused by the input
bias current (IB) that must flow through these resistors to the
AD8188 inputs. The typical IB for an AD8188 input is 1.5 μA,
which causes an offset voltage of 1.5 mV per 1 kΩ of resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com