Electronic Components Datasheet Search
  English  ▼

X  

AD8188 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8188
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8188 Datasheet HTML 7Page - Analog Devices AD8188 Datasheet HTML 8Page - Analog Devices AD8188 Datasheet HTML 9Page - Analog Devices AD8188 Datasheet HTML 10Page - Analog Devices AD8188 Datasheet HTML 11Page - Analog Devices AD8188 Datasheet HTML 12Page - Analog Devices AD8188 Datasheet HTML 13Page - Analog Devices AD8188 Datasheet HTML 14Page - Analog Devices AD8188 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8188/AD8189
Rev. 0 | Page 11 of 24
2.8
2.7
2.6
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
3.3
2.8
2.3
0
5
10
15
20
25
TIME (ns)
OUTPUT
INPUT
Figure 29. AD8188 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 1 kΩ
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
5
10
15
20
25
TIME (ns)
OUTPUT
INPUT
Figure 30. AD8188 Video Amplitude Pulse Response,
VOUT = 700 mV p-p, RL = 1 kΩ
4.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
5
10
15
20
25
TIME (ns)
OUTPUT
INPUT
Figure 31. AD8188 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 1 kΩ
2.8
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
2.4
2.3
2.2
0
5
10
15
20
25
TIME (ns)
OUTPUT
INPUT
Figure 32. AD8189 Small Signal Pulse Response,
VOUT = 200 mV p-p, RL = 150 kΩ
4.0
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0
5
10
15
20
25
TIME (ns)
OUTPUT
INPUT
Figure 33. AD8189 Video Amplitude Pulse Response,
VOUT = 1.4 V p-p, RL = 150 kΩ
4.0
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
5
10
15
20
25
TIME (ns)
OUTPUT
INPUT
Figure 34. AD8189 Large Signal Pulse Response,
VOUT = 2 V p-p, RL = 150 kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com