Electronic Components Datasheet Search
  English  ▼

X  

AD8188 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8188
Description  350 MHz Single-Supply Triple 2:1 Multiplexers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8188 Datasheet(HTML) 1 Page - Analog Devices

  AD8188 Datasheet HTML 1Page - Analog Devices AD8188 Datasheet HTML 2Page - Analog Devices AD8188 Datasheet HTML 3Page - Analog Devices AD8188 Datasheet HTML 4Page - Analog Devices AD8188 Datasheet HTML 5Page - Analog Devices AD8188 Datasheet HTML 6Page - Analog Devices AD8188 Datasheet HTML 7Page - Analog Devices AD8188 Datasheet HTML 8Page - Analog Devices AD8188 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
350 MHz Single-Supply (5 V)
Triple 2:1 Multiplexers
AD8188/AD8189
FEATURES
Fully buffered inputs and outputs
Fast channel-to-channel switching: 4 ns
Single-supply operation (5 V)
High speed
350 MHz bandwidth (−3 dB) @ 200 mV p-p
300 MHz bandwidth (−3 dB) @ 2 V p-p
Slew rate: 1000 V/μs
Fast settling time: 7 ns to 0.1%
Low current: 19 mA/20 mA
Excellent video specifications: load resistor (RL) = 150 Ω
Differential gain error: 0.05%
Differential phase error: 0.05°
Low glitch
All hostile crosstalk
−84 dB @ 5 MHz
−52 dB @ 100 MHz
High off isolation: −95 dB @ 5 MHz
Low cost
Fast, high impedance disable feature for connecting
multiple outputs
Logic-shifted outputs
APPLICATIONS
Switching RGB in LCD and plasma displays
RGB video switchers and routers
FUNCTIONAL BLOCK DIAGRAM
24
23
22
21
20
19
18
17
16
15
14
13
VCC
VCC
DVCC
VEE
OUT2
VCC
OUT1
VEE
OUT0
VCC
SEL A/B
OE
1
2
3
4
5
6
7
8
9
10
11
12
IN0A
IN0B
VEE
IN1B
VEE
IN2B
VEE
VCC
IN2A
VREF
IN1A
DGND
0
1
2
AD8188/AD8189
ENABLE
SELECT
LOGIC
Figure 1.
GENERAL DESCRIPTION
The AD8188 (G = 1) and AD8189 (G = 2) are high speed,
single-supply, triple 2-to-1 multiplexers. They offer −3 dB small
signal bandwidth of 350 MHz and −3 dB large signal bandwidth
of 300 MHz, along with a slew rate in excess of 1000 V/μs. With
−84 dB of all hostile crosstalk and −95 dB off isolation, the parts
are well suited for many high speed applications. The
differential gain and differential phase error of 0.05% and 0.05°
respectively, along with 0.1 dB flatness to 70 MHz, make the
AD8188 and AD8189 ideal for professional and component
video multiplexing. The parts offer 4 ns switching time, making
them an excellent choice for switching video signals, while
consuming less than 20 mA on a single 5 V supply (100 mW).
Both devices have a high speed disable feature that sets the
outputs into a high impedance state. This allows the building of
larger input arrays while minimizing off-channel output
loading. The devices are offered in a 24-lead TSSOP.
4.0
–1.0
6.0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
5
10
15
20
25
TIME (ns)
INPUT
OUTPUT
Figure 2. AD8189 Video Amplitude Pulse Response,
VOUT = 1.4 V p-p, RL = 150 Ω
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.


Similar Part No. - AD8188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8188 AD-AD8188 Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
AD8188ARUZ AD-AD8188ARUZ Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
AD8188ARUZ-R7 AD-AD8188ARUZ-R7 Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
AD8188ARUZ-RL AD-AD8188ARUZ-RL Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
AD8188Z-EVALZ AD-AD8188Z-EVALZ Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
More results

Similar Description - AD8188

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8186 AD-AD8186 Datasheet
474Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
6/03-Data Sheet changed from REV. 0 to REV. A.
AD8188 AD-AD8188 Datasheet
825Kb / 24P
350 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
10/06-Revision 0
AD8186ARUZ AD-AD8186ARUZ Datasheet
479Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8187ARUZ-REEL7 AD-AD8187ARUZ-REEL7 Datasheet
426Kb / 20P
480 MHz Single-Supply (5 V) Triple 2:1 Multiplexers
REV. A
AD8183 AD-AD8183_15 Datasheet
732Kb / 16P
Triple 2 1 Multiplexers
REV. 0
AD8186 AD-AD8186_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2 1 Multiplexers
REV. A
AD8187 AD-AD8187_15 Datasheet
479Kb / 20P
480 MHz Single-Supply Triple 2:1 Multiplexers
REV. A
AD8189 AD-AD8189_15 Datasheet
826Kb / 24P
350 MHz Single-Supply Triple 2:1 Multiplexers
REV. 0
AD8183 AD-AD8183_16 Datasheet
282Kb / 12P
Triple 2:1 Multiplexers
AD8187 AD-AD8187_17 Datasheet
524Kb / 20P
480 MHz Single-Supply (5V) Triple 2:1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com