Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8362 Datasheet HTML 16Page - Analog Devices AD8362 Datasheet HTML 17Page - Analog Devices AD8362 Datasheet HTML 18Page - Analog Devices AD8362 Datasheet HTML 19Page - Analog Devices AD8362 Datasheet HTML 20Page - Analog Devices AD8362 Datasheet HTML 21Page - Analog Devices AD8362 Datasheet HTML 22Page - Analog Devices AD8362 Datasheet HTML 23Page - Analog Devices AD8362 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD8362
Data Sheet
Rev. E | Page 20 of 32
An external 100 Ω shunt resistor combines with the internal
100 Ω single-ended input impedance to provide a broadband
50 Ω match. The unused input (in this case, INLO) is ac-coupled
to ground. Figure 49 shows the transfer function of the AD8362
at various frequencies when the RF input is driven single-
ended. The results show that transfer function linearity at the
top end of the range is degraded by the single-ended drive.
PIN (dBm)
0
–2.0
–55
10
4.0
2.0
3.5
1.5
3.0
1.0
2.5
0.5
2.0
0
1.5
–0.5
1.0
–1.0
0.5
–1.5
–50 –45 –40 –35 –30 –25 –20 –15 –10
–5
0
5
450MHz
1900MHz
2500MHz
900MHz
2140MHz
Figure 49. Transfer Function at Various Frequencies when the
RF Input is Driven Single-Ended
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
0.01µF
1nF
1nF
1nF
1nF
RF INPUT
2.7nH
4.7nH
Figure 50. Input Matching for Operation at Frequencies ≥2.7 GHz
For operation at frequencies ≥2.7 GHz, some additional
components are required to match the AD8362 input to
50 Ω (see Figure 50). As the operating frequency increases,
there is also corresponding shifting in the operating power
range (see Figure 51).
3.00
0
–60 –55
–45
–35
–25
–15
–5
5
15
INPUT AMPLITUDE (dBm)
–50
–40
–30
–20
–10
0
10
2.75
2.50
2.25
2.00
1.75
1.50
1.25
1.00
0.75
0.50
0.25
3.0
–3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
2.8GHz
3.45GHz
3.65GHz
Figure 51. Transfer Function at Various Frequencies ≥2.7 GHz when
the RF Input is Driven Single-Ended
OPERATION AT LOW FREQUENCIES
In conventional rms-to-dc converters based on junction tech-
niques, the effective signal bandwidth is proportional to the
signal amplitude. In contrast, the 3.5 GHz VGA bandwidth in
the AD8362 is independent of its gain. Because this amplifier is
internally dc-coupled, the system is also used as a high accuracy
rms voltmeter at low frequencies, retaining its temperature-
stable, decibel-scaled output (for example, in seismic, audio,
and sonar instrumentation).
While the AD8362 can be operated at arbitrarily low frequencies,
an ac-coupled input interface must be maintained. In such cases,
the input coupling capacitors should be large enough so that the
lowest frequency components of the signal to be included in the
measurement are minimally attenuated. For example, for a 3 dB
reduction at 1.5 kHz, capacitances of 1 µF are needed because the
input resistance is 100 Ω at each input pin (200 Ω differentially),
and the calculation is 1/(2π × 1.5 kΩ × 100) = 1 μF. In addition, to
lower the high-pass corner frequency of the VGA, a large capaci-
tor must be connected between the CHPF pin and ground (see
the Choosing a Value for CHPF section).
More information on the operation of the AD8362 and other
RF power detectors at low frequency is available in AN-691
Application Note, Operation of RF Detector Products at Low
Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com