Electronic Components Datasheet Search
  English  ▼

X  

AD8362 Datasheet(PDF) 22 Page - Analog Devices

Part # AD8362
Description  50 Hz to 3.8 GHz 65 dB TruPwr Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8362 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD8362 Datasheet HTML 18Page - Analog Devices AD8362 Datasheet HTML 19Page - Analog Devices AD8362 Datasheet HTML 20Page - Analog Devices AD8362 Datasheet HTML 21Page - Analog Devices AD8362 Datasheet HTML 22Page - Analog Devices AD8362 Datasheet HTML 23Page - Analog Devices AD8362 Datasheet HTML 24Page - Analog Devices AD8362 Datasheet HTML 25Page - Analog Devices AD8362 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
AD8362
Data Sheet
Rev. E | Page 22 of 32
ADJUSTING VTGT TO ACCOMMODATE SIGNALS
WITH VERY HIGH CREST FACTORS
An external direct connection between VREF (1.25 V) and VTGT
sets up the internal target voltage, which is the rms voltage that
must be provided by the VGA to balance the AGC feedback loop.
In the default scheme, the VREF of 1.25 V positions this target
to 0.06 × 1.25 V = 75 mV. In principle, however, VTGT can be
driven by voltages that are larger or smaller than 75 mV. This
technique can be used to move the intercept, which increases
or decreases the input sensitivity of the device, or to improve
the accuracy when measuring signals with large crest factors.
For example, if this pin is supplied from VREF via a simple
resistive attenuator of 1 kΩ:1 kΩ, the output required from the
VGA is halved to 37.5 mV rms. Under these conditions, the
effective headroom in the signal path that drives the squaring
cell is doubled. In principle, this doubles the peak crest factor
that can be handled by the system.
Figure 53 and Figure 54 show the effect of varying VTGT on
measurement accuracy when the AD8362 is swept with a series
of signals with different crest factors, varying from CW with a
crest factor of 3 dB, to a W-CDMA carrier (Test Model 1-64)
with a crest factor of 10.6 dB. The crest factors of each signal
are listed in the plots. In Figure 53, VTGT is set to its nominal
value of 1.25 V, while in Figure 54, it is reduced to 0.625 V.
PIN (dBm)
–2.0
–65
10
2.0
1.5
1.0
0.5
0
–0.5
–1.0
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–1.5
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
VOUT CW
VOUT 64QAM
VOUT WCDMA TM1-64
VOUT QPSK
VOUT 256QAM
ERROR QPSK 4dB CF
ERROR 256QAM 8.2dB CF
ERROR CW
ERROR 64QAM 7.7dB CF
ERROR WCDMA TM1-64 10.6dB CF
Figure 53. Transfer Function and Law Conformance for Signals with
Varying Crest Factors, VTGT = 1.25 V
PIN (dBm)
–2.0
–65
10
2.0
1.5
1.0
0.5
0
–0.5
–1.0
0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–1.5
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10 –5
0
5
VOUT CW
VOUT 64QAM
VOUT WCDMA TM1-64
VOUT QPSK
VOUT 256QAM
ERROR QPSK 4dB CF
ERROR 256QAM 8.2dB CF
ERROR CW
ERROR 64QAM 7.7dB CF
ERROR WCDMA TM1-64 10.6dB CF
Figure 54. Transfer Function and Law Conformance for Signals with
Varying Crest Factors, VTGT = 0.625 V, CLPF = 0.1 μF
Reducing VTGT also reduces the intercept. More significant in
this case, however, is the behavior of the error curves. Note that
in Figure 54 all of the error curves sit on one another, while in
Figure 53, there is some vertical spreading. This suggests that
VTGT should be reduced in those applications where a wide
range of input crest factors are expected. As noted, VTGT can
also be increased above its nominal level of 1.25 V. While this
can be used to increase the intercept, it would have the undesir-
able effect of degrading measurement accuracy in situations
where the crest factor of the signal being measured varies
significantly.
ALTERING THE SLOPE
None of the changes in operating conditions discussed so far
affects the logarithmic slope (VSLP) in Equation 10. This can
readily be altered by controlling the fraction of VOUT that is
fed back to the setpoint interface at the VSET pin. When the
full signal from VOUT is applied to VSET, the slope assumes
its nominal value of 50 mV/dB. It can be increased by including
a voltage divider between these pins, as shown in Figure 55.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
COMM
CHPF
DECL
INHI
INLO
DECL
PWDN
COMM
ACOM
VREF
VTGT
VPOS
VOUT
VSET
ACOM
CLPF
AD8362
VOUT
R1
R2
Figure 55. External Network to Raise Slope



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com