Electronic Components Datasheet Search
  English  ▼

X  

HC5513 Datasheet(PDF) 9 Page - Intersil Corporation

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HC5513 Datasheet HTML 5Page - Intersil Corporation HC5513 Datasheet HTML 6Page - Intersil Corporation HC5513 Datasheet HTML 7Page - Intersil Corporation HC5513 Datasheet HTML 8Page - Intersil Corporation HC5513 Datasheet HTML 9Page - Intersil Corporation HC5513 Datasheet HTML 10Page - Intersil Corporation HC5513 Datasheet HTML 11Page - Intersil Corporation HC5513 Datasheet HTML 12Page - Intersil Corporation HC5513 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
62
Figure 15 shows the relationship between the saturation
guard voltage, the loop current and the loop resistance. Notice
from Figure 15 that for a loop resistance <1.2k
Ω (RSG =
21.4k
Ω) the SLIC is operating in the constant current feed
region and for resistances >1.2k
Ω the SLIC is operating in the
resistive feed region. Operation in the resistive feed region
allows long loop and off-hook transmission by keeping the tip
and ring voltages off the rails. Operation in this region is
transparent to the customer.
The Saturation Guard circuit (Figure 13) monitors the tip to
ring voltage via the transconductance amplifier A1. A1
generates a current that is proportional to the tip to ring
voltage difference. I1 is internally set to sink all of A1’s current
until the tip to ring voltage exceeds 12.5V. When the tip to ring
voltage exceeds 12.5V (with no RSG resistor) A1 supplies
more current than I1 can sink. When this happens A2
amplifies its input current by a factor of 12 and the current
through R1 becomes the difference between I2 and the output
current from A2. As the current from A2 increases, the voltage
across R1 decreases and the output voltage on RDC
decreases. This results in a corresponding decrease in the
loop current. The RSG pin provides the ability to increase the
saturation guard reference voltage beyond 12.5V. Equation 3
gives the relationship between the RSG resistor value and the
programmable saturation guard reference voltage:
where:
VSGREF = Saturation Guard reference voltage.
RSG = Saturation Guard programming resistor.
When the Saturation guard reference voltage is exceeded,
the tip to ring voltage is calculated using Equation 4:
where:
VTR = Voltage differential between tip and ring.
RL = Loop resistance.
For on-hook transmission RL = ∞, Equation 4 reduces to:
The value of RSG should be calculated to allow maximum
loop length operation. This requires that the saturation guard
reference voltage be set as high as possible without clipping
the incoming or outgoing VF signal. A voltage margin of -4V
on tip and -4V on ring, for a total of -8V margin, is
recommended as a general guideline. The value of RSG is
calculated using Equation 6:
where:
VBAT = Battery voltage.
VMARGIN = Recommended value of -8V to allow a maximum
overload level of 3.1VPEAK.
For on-hook transmission, RL = ∞, Equation 6 reduces to:
SLIC in the Standby Mode
Overall system power is saved by configuring the SLIC in the
standby state when not in use. In the standby state the tip
and ring amplifiers are disabled and internal resistors are
connected between tip to ground and ring to VBAT. This
connection enables a loop current to flow when the phone
goes off-hook. The loop current detector then detects this
current and the SLIC is configured in the active mode for
voice transmission. The loop current in standby state is
calculated as follows:
where:
IL = Loop current in the standby state.
RL = Loop resistance.
VBAT = Battery voltage.
(AC) Transmission Path
SLIC in the Active Mode
Figure 16 shows a simplified AC transmission model. Circuit
analysis yields the following design equations:
0
10
20
30
0
10
20
30
40
50
LOOP CURRENT (mA)
VBAT = -24V, RSG = ∞
VBAT = -48V, RSG = 21.4kΩ
SATURATION GUARD
RESISTIVE FEED
REGION
CONSTANT CURRENT
FEED REGION
RRSG = 21.4kΩ
100k
Ω
100k
Ω
4k
Ω
1.5k
Ω
2k
Ω
700
Ω
<400
Ω
<1.2k
Ω
RL
RL
RRSG = ∞Ω
VOLTAGE, VTR = 38V
SATURATION GUARD
VOLTAGE, VTR = 13V
FIGURE 15. VTR vs IL AND RL
V
SGREF
12.5
510
•
5
R
SG
------------------
+
=
(EQ. 3)
V
TR
R
L
16.66
5
10
5
•
R
SG
⁄
+
R
L
R
DC1
R
DC2
+
() 600
⁄
+
----------------------------------------------------------------------
×
=
(EQ. 4)
V
TR
16.66
510
5
•
R
SG
------------------
+
=
(EQ. 5)
R
SG
510
5
•
V
BAT
V
MARGIN
–
()
1
R
DC1
R
DC2
+
()
600R
L
-------------------------------------------
+



16.66V
–
×
--------------------------------------------------------------------------------------------------------------------------------------------------
=
(EQ. 6)
R
SG
510
5
•
V
BAT
V
MARGIN
16.66V
–
–
----------------------------------------------------------------------------
=
(EQ. 7)
I
L
V
BAT
3V
–
R
L
1800
Ω
+
--------------------------------
≈
(EQ. 8)
V
TR
V
TX
I
M
2R
F
•
+
=
(EQ. 9)
V
TX
Z
T
-----------
V
RX
Z
RX
-----------
+
I
M
1000
-------------
=
(EQ. 10)
V
TR
E
G
I
M
Z
L
•
–
=
(EQ. 11)
HC5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com