Electronic Components Datasheet Search
  English  ▼

X  

HC5513 Datasheet(PDF) 11 Page - Intersil Corporation

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button HC5513 Datasheet HTML 7Page - Intersil Corporation HC5513 Datasheet HTML 8Page - Intersil Corporation HC5513 Datasheet HTML 9Page - Intersil Corporation HC5513 Datasheet HTML 10Page - Intersil Corporation HC5513 Datasheet HTML 11Page - Intersil Corporation HC5513 Datasheet HTML 12Page - Intersil Corporation HC5513 Datasheet HTML 13Page - Intersil Corporation HC5513 Datasheet HTML 14Page - Intersil Corporation HC5513 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
64
Transhybrid Circuit
The purpose of the transhybrid circuit is to remove the
receive signal (VRX) from the transmit signal (VTX), thereby
preventing an echo on the transmit side. This is
accomplished by using an external op amp (usually part of
the CODEC) and by the inversion of the signal from the
4-wire receive port (RSN) to the 4-wire transmit port (VTX).
Figure 17 shows the transhybrid circuit. The input signal will
be subtracted from the output signal if I1 equals I2. Node
analysis yields the following equation:
The value of ZB is then:
Where VRX/VTX equals 1/ A4-4.
Therefore:
Example:
Given: RTX = 20kΩ, ZRX = 280kΩ, ZT = 562kΩ (standard
value), RF = 20Ω and ZL= 600Ω,
The value of ZB = 18.7kΩ.
Supervisory Functions
The loop current, ground key and the ring trip detector
outputs are multiplexed to a single logic output pin called
DET. See Table 1 to determine the active detector for a given
logic input. For further discussion of the logic circuitry see
section titled “Digital Logic Inputs”.
Before proceeding with an explanation of the loop current
detector, ground key detector and later the longitudinal
impedance, it is important to understand the difference
between a “metallic” and “longitudinal” loop currents. Figure
18 illustrates 3 different types of loop current encountered.
Case 1 illustrates the metallic loop current. The definition of
a metallic loop current is when equal currents flow out of tip
and into ring. Loop current is a metallic current.
Cases 2 and 3 illustrate the longitudinal loop current. The
definition of a longitudinal loop current is a common mode
current, that flows either out of or into tip and ring
simultaneously. Longitudinal currents in the on-hook state
result in equal currents flowing through the sense resistors
R1 and R2 (Figure 18). And longitudinal currents in the off-
hook state result in unequal currents flowing through the
sense resistors R1 and R2. Notice that for case 2,
longitudinal currents flowing away from the SLIC, the current
through R1 is the metallic loop current plus the longitudinal
current; whereas the current through R2 is the metallic loop
current minus the longitudinal current. Longitudinal currents
are generated when the phone line is influenced by
magnetic fields (e.g., power lines).
Loop Current Detector
Figure 18 shows a simplified schematic of the loop current
and ground key detectors. The loop current detector works
by sensing the metallic current flowing through resistors R1
and R2. This results in a current (IRD) out of the
transconductance amplifier (gm1) that is equal to the product
of gm1 and the metallic loop current. IRD then flows out the
RD pin and through resistor RD to VEE. The value of IRD is
equal to:
The IRD current results in a voltage drop across RD that is
compared to an internal 1.25V reference voltage. When the
voltage drop across RD exceeds 1.25V, and the logic is
configured for loop current detection, the DET pin goes low.
The hysteresis resistor RH adds an additional voltage
effectively across RD, causing the on-hook to off-hook
threshold to be slightly higher than the off-hook to on-hook
threshold.
Taking into account the hysteresis voltage, the typical value
of RD for the on-hook to off-hook condition is:
Taking into account the hysteresis voltage, the typical value
of RD for the off-hook to on-hook condition is:
V
TX
R
TX
-----------
V
RX
Z
B
-----------
+
0
=
(EQ. 21)
Z
B
R
–
TX
V
RX
V
TX
-----------
•
=
(EQ. 22)
Z
B
R
TX
Z
RX
Z
T
-----------
•
Z
T
1000
-------------
2R
F
Z
L
++
Z
L
2R
F
+
--------------------------------------------
•
=
(EQ. 23)
HC5513
VTX
RSN
RTX
RFB
CODEC/
FILTER
I1
I2
VTX
ZRX
ZT
+
-
ZB
VRX
+
-
+
-
FIGURE 17. TRANSHYBRID CIRCUIT
I
RD
I
TIP
I
RING
–
600
------------------------------------
I
L
300
----------
==
(EQ. 24)
R
D
465
I
ON
HOOK to OFF
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 25)
R
D
375
I
OFF
HOOK to ON
–
HOOK
–
--------------------------------------------------------------------------
=
(EQ. 26)
HC5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com