Electronic Components Datasheet Search
  English  ▼

X  

HC5513 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HC5513 Datasheet HTML 10Page - Intersil Corporation HC5513 Datasheet HTML 11Page - Intersil Corporation HC5513 Datasheet HTML 12Page - Intersil Corporation HC5513 Datasheet HTML 13Page - Intersil Corporation HC5513 Datasheet HTML 14Page - Intersil Corporation HC5513 Datasheet HTML 15Page - Intersil Corporation HC5513 Datasheet HTML 16Page - Intersil Corporation HC5513 Datasheet HTML 17Page - Intersil Corporation HC5513 Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
67
AC-DC Separation Capacitor, CHP
The high pass filter capacitor connected between pins HPT
and HPR provides the separation between circuits sensing
tip to ring DC conditions and circuits processing AC signals.
A 10nf CHP will position the low end frequency response
3dB break point at 48Hz. Where:
Where RHP = 330kΩ.
Thermal Shutdown Protection
The HC5513’s thermal shutdown protection is invoked if a
fault condition on the tip or ring causes the temperature of
the die to exceed 160oC. If this happens, the SLIC goes into
a high impedance state and will remain there until the
temperature of the die cools down by about 20oC. The SLIC
will return back to its normal operating mode, providing the
fault condition has been removed.
Surge Voltage Protection
The HC5513 must be protected against surge voltages and
power crosses. Refer to “Maximum Ratings” TIPX and
RINGX terminals for maximum allowable transient tip and
ring voltages. The protection circuit shown in Figure 21
utilizes diodes together with a clamping device to protect tip
and ring against high voltage transients.
Positive transients on tip or ring are clamped to within a
couple of volts above ground via diodes D1 and D2. Under
normal operating conditions D1 and D2 are reverse biased
and out of the circuit.
Negative transients on tip and ring are clamped to within a
couple of volts below ground via diodes D3 and D4 with the
help of a Surgector. The Surgector is required to block
conduction through diodes D3 and D4 under normal
operating conditions and allows negative surges to be
returned to system ground.
The fuse resistors (RF) serve a dual purpose of being
nondestructive power dissipaters during surge and fuses
when the line in exposed to a power cross.
Power-Up Sequence
The HC5513 has no required power-up sequence. This is a
result of the Dielectrically Isolated (DI) process used in the
fabrication of the part. By using the DI process, care is no
longer required to insure that the substrate be kept at the
most negative potential as with junction isolated ICs.
Printed Circuit Board Layout
Care in the printed circuit board layout is essential for proper
operation. All connections to the RSN pin should be made
as close to the device pin as possible, to limit the
interference that might be injected into the RSN terminal. It
is good practice to surround the RSN pin with a ground
plane.
The analog and digital grounds should be tied together at
the device.
SLIC Operating States
f
3dB
1
2
π
•
R
HP
•
C
HP
•
()
-----------------------------------------------------
=
(EQ. 28)
TABLE 1. LOGIC TRUTH TABLE
E0
E1
C1
C2
SLIC OPERATING STATE
ACTIVE DETECTOR
DET OUTPUT
0000
Open Circuit
No Active Detector
Logic Level High
0001
Active
Ground Key Detector
Ground Key Status
0010
Ringing
No Active Detector
Logic Level High
0011
Standby
Ground Key Detector
Ground Key Status
0100
Open Circuit
No Active Detector
Logic Level High
0101
Active
Loop Current Detector
Loop Current Status
0110
Ringing
Ring Trip Detector
Ring Trip Status
0111
Standby
Loop Current Detector
Loop Current Status
1000
Open Circuit
No Active Detector
Logic Level High
1001
Active
Ground Key Detector
1010
Ringing
No Active Detector
1011
Standby
Ground Key Detector
1100
Open Circuit
No Active Detector
1101
Active
Loop Current Detector
1110
Ringing
Ring Trip Detector
1111
Standby
Loop Current Detector
HC5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com