Electronic Components Datasheet Search
  English  ▼

X  

HC5513 Datasheet(PDF) 16 Page - Intersil Corporation

Part # HC5513
Description  TR909 DLC/FLC SLIC with Low Power Standby
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC5513 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HC5513 Datasheet HTML 10Page - Intersil Corporation HC5513 Datasheet HTML 11Page - Intersil Corporation HC5513 Datasheet HTML 12Page - Intersil Corporation HC5513 Datasheet HTML 13Page - Intersil Corporation HC5513 Datasheet HTML 14Page - Intersil Corporation HC5513 Datasheet HTML 15Page - Intersil Corporation HC5513 Datasheet HTML 16Page - Intersil Corporation HC5513 Datasheet HTML 17Page - Intersil Corporation HC5513 Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
69
23. Two-Wire Idle Channel Noise - The 2-wire idle channel noise
at VTR is specified with the 2-wire port terminated in 600Ω (RL)
and with the 4-wire receive port grounded (Reference Figure 10).
24. Four-Wire Idle Channel Noise - The 4-wire idle channel noise
at VTX is specified with the 2-wire port terminated in 600Ω (RL).
The noise specification is with respect to a 600
Ω impedance
level at VTX. The 4-wire receive port is grounded (Reference
Figure 10).
25. Harmonic Distortion (2-Wire to 4-Wire) - The harmonic dis-
tortion is measured with the following conditions. EG = 0dBm at
1kHz, IDCMET = 23mA. Measurement taken at VTX. (Reference
Figure 7).
26. Harmonic Distortion (4-Wire to 2-Wire) - The harmonic dis-
tortion is measured with the following conditions. ERX = 0dBm0.
Vary frequency between 300Hz and 3.4kHz, IDCMET = 23mA.
Measurement taken at VTR. (Reference Figure 9).
27. Constant Loop Current - The constant loop current is calcu-
lated using the following equation:
IL = 2500 / (RDC1 + RDC2)
28. Standby State Loop Current - The standby state loop current
is calculated using the following equation:
IL = [|VBAT| - 3] / [RL +1800], TA = 25
oC
29. Ground Key Detector - (TRIGGER) Increase the input current
to 8mA and verify that DET goes low.
(RESET) Decrease the input current from 17mA to 3mA and
verify that DET goes high.
(Hysteresis) Compare difference between trigger and reset.
30. Power Supply Rejection Ratio - Inject a 100mVRMS signal
(50Hz to 4kHz) on VBAT,VCC and VEE supplies. PSRR is com-
puted using the following equation:
PSRR = 20
• log (VTX/VIN). VTX and VIN are defined in Figure 12.
Pin Descriptions
PLCC
PDIP
SYMBOL
DESCRIPTION
1
RINGSENSE Internally connected to output of RING power amplifier.
2
7
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this ground.
Internally separate from AGND but it is recommended that it is connected to the same potential as AGND.
48
VCC
5V power supply.
5
9
RINGRLY
Ring relay driver output.
610
VBAT
Battery supply voltage, -24V to -56V.
711
RSG
Saturation guard programming resistor pin.
8
12
E1
TTL compatible logic input. The logic state of E1 in conjunction with the logic state of C1 determines which detec-
tor is gated to the DET output.
9
13
E0
TTL compatible logic input. Enables the DET output when set to logic level zero and disables DET output when
set to a logic level one.
11
14
DET
Detector output. TTL compatible logic output. A zero logic level indicates that the selected detector was triggered
(see Truth Table for selection of Ground Key detector, Loop Current detector or the Ring Trip detector). The DET
output is an open collector with an internal pull-up of approximately 15k
Ω to VCC.
12
15
C2
TTL compatible logic input. The logic states of C1 and C2 determine the operating states (Open Circuit, Active,
Ringing or Standby) of the SLIC.
13
16
C1
TTL compatible logic input. The logic states of C1 and C2 determine the operating states (Open Circuit, Active,
Ringing or Standby) of the SLIC.
14
17
RDC
DC feed current programming resistor pin. Constant current feed is programmed by resistors RDC1 and RDC2
connected in series from this pin to the receive summing node (RSN). The resistor junction point is decoupled to
AGND to isolate the AC signal components.
15
18
AGND
Analog ground.
16
19
RSN
Receive Summing Node. The AC and DC current flowing into this pin establishes the metallic loop current that
flows between tip and ring. The magnitude of the metallic loop current is 1000 times greater than the current into
the RSN pin. The constant current programming resistors and the networks for program receive gain and 2-wire
impedance all connect to this pin.
18
20
VEE
-5V power supply.
19
21
VTX
Transmit audio output. This output is equivalent to the TIP to RING metallic voltage. The network for programming
the 2-wire input impedance connects between this pin and RSN.
20
22
HPR
RING side of AC/DC separation capacitor CHP.CHP is required to properly separate the ring AC current from the
DC loop current. The other end of CHP is connected to HPT.
21
1
HPT
TIP side of AC/DC separation capacitor CHP.CHP is required to properly separate the tip AC current from the DC
loop current. The other end of CHP is connected to HPR.
HC5513



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com