Electronic Components Datasheet Search
  English  ▼

X  

UPC1853 Datasheet(PDF) 32 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 32 Page - NEC

Back Button UPC1853 Datasheet HTML 28Page - NEC UPC1853 Datasheet HTML 29Page - NEC UPC1853 Datasheet HTML 30Page - NEC UPC1853 Datasheet HTML 31Page - NEC UPC1853 Datasheet HTML 32Page - NEC UPC1853 Datasheet HTML 33Page - NEC UPC1853 Datasheet HTML 34Page - NEC UPC1853 Datasheet HTML 35Page - NEC UPC1853 Datasheet HTML 36Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
µPC1853
32
4.4.2
µPC1853-02
(1) Mute
By the data of subaddress 00H, bit D2 to D4, ON/OFF of mute function can be controlled.
Fig. 4-13 Mute (
µPC1853-02)
D7
D6
D5
D4
D3
D2
D1
D0
Audio output mute
0
1
00H
Subaddress
Audio output not muted
Rear
output
mute
Rear
output
selection
Audio
output
mute
Audio output muted
L+R
signal
output
mute
00
0
0
L+R signal output mute
0
1
L+R output not muted
L+R output muted
Rear output mute
0
1
Rear output not muted
Rear output muted
Caution Use the mute function (approx. 200 ms) for pop noise reduction when changing the surround
mode and switching power.
(2) Rear output selection
By the data of subaddress 00H, bit D7, output signal of the rear output pin can be selected (
φ (L-R) signal or
(L-R) signal).
Fig. 4-14 Rear Output Selection (
µPC1853-02)
D7
D6
D5
D4
D3
D2
D1
D0
Rear output selection
0
1
00H
Subaddress
(L-R) signal: Phase-shifted
Rear
output
mute
Rear
output
selection
Audio
output
mute
(L-R) signal: Not phase-shifted
L+R
signal
output
mute
00
0
0
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com