Electronic Components Datasheet Search
  English  ▼

X  

UPC1853 Datasheet(PDF) 18 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 18 Page - NEC

Back Button UPC1853 Datasheet HTML 14Page - NEC UPC1853 Datasheet HTML 15Page - NEC UPC1853 Datasheet HTML 16Page - NEC UPC1853 Datasheet HTML 17Page - NEC UPC1853 Datasheet HTML 18Page - NEC UPC1853 Datasheet HTML 19Page - NEC UPC1853 Datasheet HTML 20Page - NEC UPC1853 Datasheet HTML 21Page - NEC UPC1853 Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
µPC1853
18
3.1.2
Stop condition
Stop condition is made by rising of SDA from “Low” to “High” during SCL is “High” as shown in Fig. 3-2.
When this stop condition is received, the
µPC1853 stops to take in or output the data.
Fig. 3-2 Start/Stop Condition of Data Transfer
µs
4.0
MIN.
µs
4.7
MIN.
3.5 V
1.5 V
3.5 V
1.5 V
START
SDA
SCL
STOP
3.1.3
Data transfer
In the case of data transfer, data changing should be executed while SCL is “Low” like Fig. 3-3. When SCL is “High”,
be sure not to change the data.
Fig. 3-3 Data Transfer
Note 1
Note 2
SDA
SCL
Note 1. Data hold time for I2C device: 300 ns MIN., Data hold time for CPU: 5
µs MIN.
2. Data set-up time: 250 ns MIN.
Remark Clock frequency: 0 to 100 kHz
3.2
Data Transfer Format
Fig. 3-4 is an example of data transfer in write mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com