Electronic Components Datasheet Search
  English  ▼

X  

UPC1853 Datasheet(PDF) 10 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 10 Page - NEC

Back Button UPC1853 Datasheet HTML 6Page - NEC UPC1853 Datasheet HTML 7Page - NEC UPC1853 Datasheet HTML 8Page - NEC UPC1853 Datasheet HTML 9Page - NEC UPC1853 Datasheet HTML 10Page - NEC UPC1853 Datasheet HTML 11Page - NEC UPC1853 Datasheet HTML 12Page - NEC UPC1853 Datasheet HTML 13Page - NEC UPC1853 Datasheet HTML 14Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
µPC1853
10
Table 1-1 Explanation of Pins (3/8)
Pin Number
Pin Name
Equivalent Circuit
Description
9
LTC
Capacitor connection pin for treble
boost/cut frequency characteristic of
L-channel signal.
Pin voltage: approx. 6.0 V
10
LBC
Capacitor connection pin for bass
boost/cut frequency characteristic of
L-channel signal.
Pin voltage: approx. 6.0 V
11
Rear OUT
L-R signal output pin. Select the
output signal (
φ(L-R) signal or (L-R)
signal) (see 4.4.1(4) or 4.4.2(2) Rear
output selection).
•
φ(L-R): Phase-shifted.
• (L-R) : Not phase-shifted.
Pin voltage: approx. 6.0 V
12
L+R OUT
L+R signal output pin.
Pin voltage: approx. 6.0 V
9
7.5 k
Ω
5.8 k
Ω
VCC
VCC
pF
6800
3 k
Ω
10
6.5 k
Ω
VCC
VCC
µF
0.1
3 k
Ω
11
VCC
VCC
VCC
500
Ω
4 k
Ω
4 k
Ω
4 k
Ω
15 k
Ω
4 k
Ω
12
VCC
VCC
VCC
500
Ω
4 k
Ω
4 k
Ω
4 k
Ω
15 k
Ω
4 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com