Electronic Components Datasheet Search
  English  ▼

X  

UPC1853 Datasheet(PDF) 4 Page - NEC

Part # UPC1853
Description  MATRIX SURROUND IC WITH I2C BUS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1853 Datasheet(HTML) 4 Page - NEC

  UPC1853 Datasheet HTML 1Page - NEC UPC1853 Datasheet HTML 2Page - NEC UPC1853 Datasheet HTML 3Page - NEC UPC1853 Datasheet HTML 4Page - NEC UPC1853 Datasheet HTML 5Page - NEC UPC1853 Datasheet HTML 6Page - NEC UPC1853 Datasheet HTML 7Page - NEC UPC1853 Datasheet HTML 8Page - NEC UPC1853 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
DA
DA
DA
DA
DA
Tone control
Volume control
/Mute
Volume control
/Mute
Volume control
/Mute
Tone control
Volume control
/Mute
DA
DA
DA
30
29
28
2
3
4
5
15
6
25
10
9
14
17
18
19
16
13
11
12
7
8
1
GND
GND
23
20
21
22
24
ADS SDA SCL
27
26
MFI
MFO
LF1
FC1 FC2 FC3 FC4
0.1 F
µ
0.022 F
µ
0.022 F
µ
2200 pF
1000 pF
12 V
VCC
LF2
OFC +
–
22 F
µ
0.1 F
µ
LBC
LTC
6800 pF
L1 OUT
L2 OUT
LVC
+
–
3.3 F
µ
RVC
+
–
3.3 F
µ
R2 OUT
R1 OUT
Rear OUT
L+R OUT
Bass
Treble
Matrix
1
2
VCC
Offset
absorption
LPF
Effect
control
PS1PS2 PS3 PS4
Phase shifter
LPF
–
+
–
+
1
2 V
CC
I
2C bus interface
L + R volume
control/Mute
RBC
RTC
0.1 F
µ
6800 pF
–+
Lin
22 F
µ
–+
Rin
22 F
µ
0.082 F
µ
820 k
Ω
680 pF
1
2 V
CC
+
–
22 F
µ
Volume control
/Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com