Electronic Components Datasheet Search
  English  ▼

X  

UPC1892 Datasheet(PDF) 9 Page - NEC

Part # UPC1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1892 Datasheet(HTML) 9 Page - NEC

Back Button UPC1892 Datasheet HTML 5Page - NEC UPC1892 Datasheet HTML 6Page - NEC UPC1892 Datasheet HTML 7Page - NEC UPC1892 Datasheet HTML 8Page - NEC UPC1892 Datasheet HTML 9Page - NEC UPC1892 Datasheet HTML 10Page - NEC UPC1892 Datasheet HTML 11Page - NEC UPC1892 Datasheet HTML 12Page - NEC UPC1892 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
µPC1892
9
Pin number/name
Equivalent circuit
Description
27 Low pass filter1
Pins 28, 29 are for HPF at simulated mode.
28 Monaural filter output
Connect capacitor and resistor between pin 28
29 Monaural filter input
and 29.
30 Low pass filter2
VCC
VCC
5 A
3 k
Ω
17.7 k
Ω
1000 pF
10 k
Ω
µ
VCC
30
Explanation of Pins (4/4)
5 A
3 k
Ω
18 k
Ω
820 k
Ω
47 k
Ω
47
k
Ω
10
k
Ω
15 k
Ω
15 k
Ω
10 k
Ω
1 k
Ω
µ
5 A
µ
0.082 F
µ
29
680 pF
VCC
VCC
VCC
VCC
VCC
VCC
VCC
VCC
1
2
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com