Electronic Components Datasheet Search
  English  ▼

X  

UPC1892 Datasheet(PDF) 17 Page - NEC

Part # UPC1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1892 Datasheet(HTML) 17 Page - NEC

Back Button UPC1892 Datasheet HTML 13Page - NEC UPC1892 Datasheet HTML 14Page - NEC UPC1892 Datasheet HTML 15Page - NEC UPC1892 Datasheet HTML 16Page - NEC UPC1892 Datasheet HTML 17Page - NEC UPC1892 Datasheet HTML 18Page - NEC UPC1892 Datasheet HTML 19Page - NEC UPC1892 Datasheet HTML 20Page - NEC UPC1892 Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
µPC1892
17
Electrical Characteristics Measurement List (Supplement) (at TA = 25
°C, RH ≤ 70 %, VCC = 12 V)
Recommended Operating Conditions
Parameter
Symbol
Conditions
Surround
mode
VOL
BAL
TRE
BAS
L+R
EFF
Input signal level 1
VIN1
Input level when distortion factor of
OFF
5.0
2.5
2.5
2.5
–
–
LOUT (Pin 14) is 1 %,
LIN (Pin 25) : f = 1 kHz
Input level when distortion factor of
ROUT (Pin 12) is 1 %,
RIN (Pin 26) : f = 1 kHz
Input signal level 2
VIN2
Input level when distortion factor of
OFF
––––
5.0
–
L+ROUT (Pin 13) is 1 %,
LIN, RIN (Pin 25, 26) : f = 1 kHz
Note 1. OFF: OFF mode
2. VOL: Volume control voltage, BAL: Balance control voltage, TRE: Treble control voltage, BAS: Bass control voltage,
L+R: L+R volume control voltage, EFF: Effect control voltage, –: Undefined
Electrical characteristics measurement: General
Parameter
Symbol
Test conditions
Surround
mode
VOL
BAL
TRE
BAS
L+R
EFF
Supply current
ICC
Current flowing to VCC (Pin 1)
OFF
5.0
2.5
2.5
2.5
5.0
2.5
No signal
Distortion factor
T.H.D.
L-channel
OFF
5.0
2.5
2.5
2.5
–
–
Distortion factor of LOUT (Pin 14)
LIN (Pin 25) : f = 1 kHz, VIN = 0.5 Vr.m.s.
R-channel
Distortion factor of ROUT (Pin 12)
RIN (Pin 26) : f = 1 kHz, VIN = 0.5 Vr.m.s.
L+R distortion factor
T.H.D.
L+R-channel
OFF
––––
5.0
–
(L+R)
Distortion factor of L+ROUT (Pin 13)
LIN (Pin 25), RIN (Pin 26) :
f = 1 kHz, VIN = 0.5 Vr.m.s.
Note 1. OFF: OFF mode
2. VOL: Volume control voltage, BAL: Balance control voltage, TRE: Treble control voltage, BAS: Bass control voltage,
L+R: L+R volume control voltage, EFF: Effect control voltage, –: Undefined
Note 1
Control pin voltage (V) Note 2
Note 1
Control pin voltage (V) Note 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com