Electronic Components Datasheet Search
  English  ▼

X  

UPC1892 Datasheet(PDF) 11 Page - NEC

Part # UPC1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1892 Datasheet(HTML) 11 Page - NEC

Back Button UPC1892 Datasheet HTML 7Page - NEC UPC1892 Datasheet HTML 8Page - NEC UPC1892 Datasheet HTML 9Page - NEC UPC1892 Datasheet HTML 10Page - NEC UPC1892 Datasheet HTML 11Page - NEC UPC1892 Datasheet HTML 12Page - NEC UPC1892 Datasheet HTML 13Page - NEC UPC1892 Datasheet HTML 14Page - NEC UPC1892 Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
µPC1892
11
Electrical characteristics (TA = 25
°C, RH ≤ 70 %, VCC = 12 V)
General
Parameter
Symbol
Test conditions Note 1
MIN. TYP. MAX. Unit
Supply current
ICC
No signal
–
–
–
–
OFF
23
29
37
mA
Maximum output voltage
VOM
VCC = 12 V, T.H.D. = 1 %
H
M
M
M
OFF
8.5
9.9
Vp-p
Distortion factor
T.H.D.
VIN = 0.5 Vr.m.s., f = 1 kHz
H
M
M
M
OFF
–
0.1
0.5
%
L+R distortion factor
T.H.D. (L+R)
VIN = 0.5 Vr.m.s., f = 1 kHz,
–
–
–
–
–
–
0.1
0.5
%
L+R volume control voltage:
5.0 V
Note 1. H: 5.0 V, M: 2.5 V, L: 0 V, –: Undefined
2. OFF: OFF mode, –: Undefined
Note 2
Note 1
Control pin voltage
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com