Electronic Components Datasheet Search
  English  ▼

X  

UPC1892 Datasheet(PDF) 1 Page - NEC

Part # UPC1892
Description  MATRIX SURROUND SOUND PROCESSOR WITH SOUND PROCESSOR
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1892 Datasheet(HTML) 1 Page - NEC

  UPC1892 Datasheet HTML 1Page - NEC UPC1892 Datasheet HTML 2Page - NEC UPC1892 Datasheet HTML 3Page - NEC UPC1892 Datasheet HTML 4Page - NEC UPC1892 Datasheet HTML 5Page - NEC UPC1892 Datasheet HTML 6Page - NEC UPC1892 Datasheet HTML 7Page - NEC UPC1892 Datasheet HTML 8Page - NEC UPC1892 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
The
µPC1892 is a specific IC to reproduce surround sound by using phase shifters and a signal matrix.
The
µPC1892 provides wide sound with two speakers, and rich stereophonic sound with three speakers.
In case of stereo signal, the
µPC1892 has the movie mode to reproduce sense of immediacy (for movie) and the music mode
to emphasize vocal sound (for music), and it has the simulated mode to make monaural signal into wide deep sound. The modes
can be selected freely by using 2-bit parallel control pins.
In addition to this function reproducing surround sound, the
µPC1892 has a general sound processor that has volume, balance,
bass and treble control. So it is capable of reducing installation area.
All functions for processing signals of base band sound are provided on one chip.
FEATURES
• Three surround modes are available: movie, music and simulated
• Built in volume and balance control (All control voltage: 0 V to 5 V)
• Built in tone control (bass, treble) (All control voltage: 0 V to 5 V)
• Built in L+R output for woofer SP
•
µPC1892CT-02: The volume and balance attenuation are bigger than µPC1892CT.
APPLICATION
•TV
ORDERING INFORMATION
Part Number
Package
µPC1892CT
30-pin plastic shrink DIP (400 mil)
µPC1892CT-02
30-pin plastic shrink DIP (400 mil)
©
1991, 1992, 1995
DATA SHEET
MATRIX SURROUND SOUND PROCESSOR
WITH SOUND PROCESSOR
µPC1892
Bipolar Analog Integrated Circuit
Document No. S10650EJ3V0DS00 (3rd edition)
(Previous No. ID-2902)
Date Published October 1995 P
Printed in Japan
The information in this document is subject to change without notice.


Similar Part No. - UPC1892

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
MATRIX SURROUND-SOUND PROCESSOR
UPC1891ACY NEC-UPC1891ACY Datasheet
993Kb / 28P
MATRIX SURROUND-SOUND PROCESSOR
More results

Similar Description - UPC1892

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1891A NEC-UPC1891A Datasheet
993Kb / 28P
MATRIX SURROUND-SOUND PROCESSOR
logo
New Japan Radio
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
STMicroelectronics
TDA7345 STMICROELECTRONICS-TDA7345 Datasheet
122Kb / 18P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Nov-1999
TDA7429S STMICROELECTRONICS-TDA7429S Datasheet
160Kb / 20P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jul-1999
TDA7430 STMICROELECTRONICS-TDA7430 Datasheet
168Kb / 21P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
TDA7344 STMICROELECTRONICS-TDA7344 Datasheet
201Kb / 20P
DIGITAL CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Feb-1997
logo
New Japan Radio
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
SOUND PROCESSOR with SOUND ENHANCEMENT
logo
STMicroelectronics
TDA7430 STMICROELECTRONICS-TDA7430_04 Datasheet
231Kb / 23P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX AND VOICE CANCELLER
Jun-2004
TDA7429 STMICROELECTRONICS-TDA7429 Datasheet
243Kb / 22P
DIGITALLY CONTROLLED AUDIO PROCESSOR WITH SURROUND SOUND MATRIX
Jun-2004
logo
Rohm
BD3491FS ROHM-BD3491FS_14 Datasheet
1Mb / 34P
Sound Processor with Built-in Surround Sound Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com