Electronic Components Datasheet Search
  English  ▼

X  

ADCMP609 Datasheet(PDF) 4 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 4 Page - Analog Devices

  ADCMP609_15 Datasheet HTML 1Page - Analog Devices ADCMP609_15 Datasheet HTML 2Page - Analog Devices ADCMP609_15 Datasheet HTML 3Page - Analog Devices ADCMP609_15 Datasheet HTML 4Page - Analog Devices ADCMP609_15 Datasheet HTML 5Page - Analog Devices ADCMP609_15 Datasheet HTML 6Page - Analog Devices ADCMP609_15 Datasheet HTML 7Page - Analog Devices ADCMP609_15 Datasheet HTML 8Page - Analog Devices ADCMP609_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADCMP609
Data Sheet
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Supply Voltages
Supply Voltage (VCC to Ground)
−0.5 V to +6.0 V
Supply Differential
−6.0 V to +6.0 V
Input Voltages
Input Voltage
−0.5 V to VCC + 0.5 V
Differential Input Voltage
±(VCC + 0.5 V)
Maximum Input/Output Current
±50 mA
Shutdown Pin
Applied Voltage (SDN to Ground)
−0.5 V to VCC + 0.5 V
Maximum Input/Output Current
±50 mA
Hysteresis Control Pin
Applied Voltage (HYS to Ground)
−0.5 V to VCC + 0.5 V
Maximum Input/Output Current
±50 mA
Output Current
±50 mA
Operating Temperature
Ambient Temperature Range
−40°C to +125°C
Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3.
Package Type
θJA1
Unit
ADCMP609 8-Lead MSOP
130
°C/W
1
Measurement in still air.
ESD CAUTION
Rev. C | Page 4 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com