Electronic Components Datasheet Search
  English  ▼

X  

ADCMP609 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP609_15 Datasheet HTML 1Page - Analog Devices ADCMP609_15 Datasheet HTML 2Page - Analog Devices ADCMP609_15 Datasheet HTML 3Page - Analog Devices ADCMP609_15 Datasheet HTML 4Page - Analog Devices ADCMP609_15 Datasheet HTML 5Page - Analog Devices ADCMP609_15 Datasheet HTML 6Page - Analog Devices ADCMP609_15 Datasheet HTML 7Page - Analog Devices ADCMP609_15 Datasheet HTML 8Page - Analog Devices ADCMP609_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V,
Single-Supply TTL/CMOS Comparator
Data Sheet
ADCMP609
FEATURES
Fully specified rail-to-rail at VCC = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCC + 0.2 V
Low glitch TTL-/CMOS-compatible output stage
40 ns propagation delay
Low power 1 mW at 2.5 V
Shutdown pin
Programmable hysteresis
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current/voltage controlled oscillators
FUNCTIONAL BLOCK DIAGRAM
ADCMP609
NONINVERTING
INPUT
INVERTING
INPUT
Q OUTPUT
+
SDN
Figure 1.
GENERAL DESCRIPTION
The ADCMP609 is a fast comparator fabricated on XFCB2, an
Analog Devices, Inc., proprietary process. These comparators
are exceptionally versatile and easy to use. Features include an
input range from VEE − 0.2 V to VCC + 0.2 V, low noise,
TTL-/CMOS-compatible output drivers, and adjustable
hysteresis and/or shutdown inputs.
The device offers 40 ns propagation delay driving a 15 pF load
with 10 mV overdrive on 500 µA typical supply current.
A flexible power supply scheme allows the devices to operate
with a single +2.5 V positive supply and a −0.2 V to +3.0 V
input signal range up to a +5.5 V positive supply with a −0.2 V
to +5.7 V input signal range.
The TTL-/CMOS-compatible output stage is designed to drive
up to 15 pF with full rated timing specifications and to degrade
in a graceful and linear fashion as additional capacitance is
added. The input stage of the comparator offers robust
protection against large input overdrive, and the outputs do not
phase reverse when the valid input signal range is exceeded. A
programmable hysteresis feature is also provided.
The ADCMP609, available in an 8-lead MSOP package, features
a shutdown pin and hysteresis control.
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2007–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADCMP609_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP609BRMZ-REEL1 AD-ADCMP609BRMZ-REEL1 Datasheet
289Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
7/07-Revision 0
ADCMP609BRMZ-REEL71 AD-ADCMP609BRMZ-REEL71 Datasheet
289Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
7/07-Revision 0
ADCMP609BRMZ1 AD-ADCMP609BRMZ1 Datasheet
289Kb / 12P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V, Single-Supply TTL/CMOS Comparator
7/07-Revision 0
More results

Similar Description - ADCMP609_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8469 AD-AD8469 Datasheet
265Kb / 12P
Fast, Rail-to-Rail, Low Power, 2.5 V to 5.5 V
REV. 0
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP604 AD-ADCMP604_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP608 AD-ADCMP608_15 Datasheet
238Kb / 10P
Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com