Electronic Components Datasheet Search
  English  ▼

X  

ADCMP609 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP609_15 Datasheet HTML 4Page - Analog Devices ADCMP609_15 Datasheet HTML 5Page - Analog Devices ADCMP609_15 Datasheet HTML 6Page - Analog Devices ADCMP609_15 Datasheet HTML 7Page - Analog Devices ADCMP609_15 Datasheet HTML 8Page - Analog Devices ADCMP609_15 Datasheet HTML 9Page - Analog Devices ADCMP609_15 Datasheet HTML 10Page - Analog Devices ADCMP609_15 Datasheet HTML 11Page - Analog Devices ADCMP609_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCMP609
Data Sheet
MINIMUM INPUT SLEW RATE REQUIREMENT
With the rated load capacitance and normal good PCB design
practice (as discussed in the Optimizing Performance section),
these comparators should be stable at any input slew rate with
no hysteresis. Broadband noise from the input stage is observed
in place of the violent chatter seen with most other high speed
comparators. With additional capacitive loading or poor bypassing,
oscillation may be encountered. These oscillations are due to the
high gain bandwidth of the comparator in combination with
feedback through parasitics in the package and PCB. In many
applications, chatter is not harmful.
Rev. C | Page 10 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com