Electronic Components Datasheet Search
  English  ▼

X  

ADCMP609 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP609
Description  Rail-to-Rail, Fast, Low Power 2.5 V to 5.5 V
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP609 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP609_15 Datasheet HTML 1Page - Analog Devices ADCMP609_15 Datasheet HTML 2Page - Analog Devices ADCMP609_15 Datasheet HTML 3Page - Analog Devices ADCMP609_15 Datasheet HTML 4Page - Analog Devices ADCMP609_15 Datasheet HTML 5Page - Analog Devices ADCMP609_15 Datasheet HTML 6Page - Analog Devices ADCMP609_15 Datasheet HTML 7Page - Analog Devices ADCMP609_15 Datasheet HTML 8Page - Analog Devices ADCMP609_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet
ADCMP609
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADCMP609
TOP VIEW
(Not to Scale)
VCC 1
Q
8
VP 2
Q
7
VN 3
VEE
6
SDN 4
HYS
5
Figure 2. ADCMP609 Pin Configuration
Table 4. ADCMP609 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VCC
VCC Supply.
2
VP
Noninverting Analog Input.
3
VN
Inverting Analog Input.
4
SDN
Shutdown. Drive this pin low to shut down the device.
5
HYS
Hysteresis Control. Bias with resistor or current source for hysteresis.
6
VEE
Negative Supply Voltage.
7
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input (VP) is greater than the
analog voltage at the inverting input (VN), provided the comparator is in compare mode.
8
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input (VP) is greater than the analog
voltage at the inverting input (VN), provided the comparator is in compare mode.
Rev. C | Page 5 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com