Electronic Components Datasheet Search
  English  ▼

X  

HIP5020DB Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP5020DB
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020DB Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP5020DB Datasheet HTML 2Page - Intersil Corporation HIP5020DB Datasheet HTML 3Page - Intersil Corporation HIP5020DB Datasheet HTML 4Page - Intersil Corporation HIP5020DB Datasheet HTML 5Page - Intersil Corporation HIP5020DB Datasheet HTML 6Page - Intersil Corporation HIP5020DB Datasheet HTML 7Page - Intersil Corporation HIP5020DB Datasheet HTML 8Page - Intersil Corporation HIP5020DB Datasheet HTML 9Page - Intersil Corporation HIP5020DB Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
2-18
C4
1
µF ±20% - Ceramic
0.22
µF ±10% - Ceramic
1
µF ±20% - Ceramic
C5
1
µF ±20% - Ceramic
0.22
µF ±10% - Ceramic
1
µF ±20% - Ceramic
C6
470pF
±5% - Ceramic
150pF
±5% - Ceramic
820pF
±10% - Ceramic
C7
680pF
±5% - Ceramic
390pF
±5% - Ceramic
1200pF
±5% - Ceramic
C8
0.1
µF ±20% - Ceramic
0.033
µF ±10% - Ceramic
0.01
µF ±10% - Ceramic
C9
220pF
±5% - Ceramic
Not Used
Not Used
C10
0.1
µF ±20% - Ceramic
0.1
µF ±20% - Ceramic
0.1
µF ±20% - Ceramic
C12
0.1
µF ±20% - Ceramic
0.1
µF ±20% - Ceramic
0.1
µF ±20% - Ceramic
R1
562K
±1%
20K (Note)
100K
±1%
R2
348K
±1%
12.4K (Note)
61.9K
±1%
R4
33.2K
37.4K
49.9K
R5
200K
2K
2K
R6
49.9K
Not Used
Not Used
NOTE: Both resistors available in one SOT-23 from California Micro Devices part # PAC27A01
TABLE 2. COMPONENT SUGGESTIONS FOR EXAMPLE APPLICATION CIRCUITS (Continued)
COMPONENT
CIRCUIT 1
CIRCUIT 2
CIRCUIT 3
TABLE 3. SUGGESTED SUPPLIERS
COMPONENT
SUPPLIER
PHONE
NUMBER
COMPONENT
SUPPLIER
PHONE
NUMBER
Capacitors -
Aluminum and Os Con
Sanyo
501-633-5030
Inductors -
OCTA-PAC
Coiltronics
407-241-7876
Capacitors -
Aluminum and Ceramic
Panasonic
0774-32-1111
Inductors -
Pulse
Engineering
619-674-8100
Capacitors -
Tantalum and Os Con
Sprague
207-324-4140
Inductors -
GB
International
607-785-1109
Capacitors -
Ceramic and Tantalum
AVX
207-282-5111
Magnetic Cores -
Powdered Iron
Micrometals
714-630-7420
Capacitors -
Aluminum
United
Chemi-Con
708-696-2000
Magnetic Cores -
Kool Mu
Magnetics
412-282-8282
Magnetic Cores -
Microlite
AlliedSignal Inc.
201-581-7653
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com