Electronic Components Datasheet Search
  English  ▼

X  

HIP5020DB Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP5020DB
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020DB Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP5020DB Datasheet HTML 3Page - Intersil Corporation HIP5020DB Datasheet HTML 4Page - Intersil Corporation HIP5020DB Datasheet HTML 5Page - Intersil Corporation HIP5020DB Datasheet HTML 6Page - Intersil Corporation HIP5020DB Datasheet HTML 7Page - Intersil Corporation HIP5020DB Datasheet HTML 8Page - Intersil Corporation HIP5020DB Datasheet HTML 9Page - Intersil Corporation HIP5020DB Datasheet HTML 10Page - Intersil Corporation HIP5020DB Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
2-19
Typical Performance Curves
FIGURE 2A.
FIGURE 2B.
FIGURE 2. HIGH-EFFICIENCY CIRCUIT 1 MEASURED PERFORMANCE EFFICIENCY vs LOAD CURRENT AND HYSTERETIC MODE
OPERATION (VIN = 11.1VDC, LO = 0.1ADC
FIGURE 3A.
FIGURE 3B.
FIGURE 3. SMALL-SIZE CIRCUIT 2 MEASURED PERFORMANCE EFFICIENCY vs LOAD CURRENT AND 50% TO FULL LOAD
TRANSIENT (1A/
µs)
FIGURE 4A.
FIGURE 4B.
FIGURE 4. LOW-COST CIRCUIT 3 PERFORMANCE PREDICTIONS EFFICIENCY vs LOAD CURRENT AND 50% TO FULL LOAD
TRANSIENT (100A/ms)
LOAD CURRENT (A)
0.001
0.01
0.1
1
10
70
75
80
85
90
95
100
VO = 3.3VDC
VIN = 8.1V
VIN = 12.6V
3.28
3.30
3.32
3.34
3.46
0
0.5
1.0
1.5
0
40
80
120
TIME (ms)
160
200
0.001
0.01
0.1
1
10
70
75
80
85
90
95
100
LOAD CURRENT (A)
VIN = 5.4V
VIN = 12V
VO = 3.3VDC
0
1
2
3
0.000
0.040
0.080
0.160
3.27
3.28
3.29
3.30
3.31
3.32
TIME (ms)
4
0.120
0.200
0.01
0.1
1
10
70
75
80
85
90
95
100
LOAD CURRENT (A)
VIN = 14.4V
0.001
VIN = 8.1V
TIME (ms)
0
0.1
0.2
0.3
0.4
0.5
3.30
3.28
3.26
3.32
3.34
3
2
1
0
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com