Electronic Components Datasheet Search
  English  ▼

X  

HIP5020DB Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP5020DB
Description  Integrated-Power Buck Converter Controller with Synchronous Rectification
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5020DB Datasheet(HTML) 3 Page - Intersil Corporation

  HIP5020DB Datasheet HTML 1Page - Intersil Corporation HIP5020DB Datasheet HTML 2Page - Intersil Corporation HIP5020DB Datasheet HTML 3Page - Intersil Corporation HIP5020DB Datasheet HTML 4Page - Intersil Corporation HIP5020DB Datasheet HTML 5Page - Intersil Corporation HIP5020DB Datasheet HTML 6Page - Intersil Corporation HIP5020DB Datasheet HTML 7Page - Intersil Corporation HIP5020DB Datasheet HTML 8Page - Intersil Corporation HIP5020DB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2-15
Absolute Maximum Ratings
Thermal Information
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20.0V
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +20.0V
Shutdown Voltage . . . . . . . . . . . . . . . . . . . . . . . .-0.3V to VCC+0.3V
Voltage on PGND. . . . . . . . . . . . . . . . . . . . . . -2V to +2V (Transient)
All voltages are relative to GND, unless otherwise specified.
Operating Conditions
Voltage Range, VIN . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to +18.0V
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Oscillator Frequency Range. . . . . . . . . . . . . . . . . . 100kHz to 1MHz
Thermal Resistance (Typical, Note 1)
θJA (oC/W)
Plastic SOIC Package . . . . . . . . . . . . . . . . . . . . . . .
51
Plastic SOIC Package (with 1in2 copper). . . . . . . . .
42
Plastic SOIC Package (with 3in2 copper). . . . . . . . .
39
Maximum Junction Temperature (Plastic Package) . . . . . . . .125oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VIN = 6.3VDC, Components referenced from Figure 1. TYP values at TJ =25
oC and MIN, MAX limits are for T
J
from 0oC to 125oC; Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TJ =
25oC0oC < TJ < 125
oC
UNITS
TYP
MIN
MAX
REFERENCE
Reference Voltage
VFB
Total Variation, IO > IHMI
1.26
1.235
1.285
V
Temperature Stability
-
-
0.2
mV
Hysteresis Width
2
∆
Hysteresis Mode; IO < IHMI
20
10
30
mV
MODE CONTROL LOGIC
Under-Voltage Lockout Threshold
VCCUV
7.6
7.2
7.9
V
Under-Voltage Lockout Hysteresis
∆VCCUV
0.3
-
-
V
Shutdown Threshold
VSD
1.2
0.9
1.5
V
HMI Current Source
IHMI
20
16
29
µA
POWER MOSFETs
Drain Leakage Current
IDSS
VDSS = 20V, VPHASE = 0
0.35
-
10
µA
On State Resistance
rDS(ON)
VBOOT - VPHASE = 12.6V; IPHASE = 2A
75
60
125
m
Ω
Phase Rise and Fall Time
tr, tf
IO = 2ADC
10
-
-
ns
CHARGE PUMP REGULATOR
VCC Regulation
VCC
VIN = 8.65V; FS = 100kHz;
C4 = C5 = 1.0
µF
14.8
14.0
16.0
V
Charge Pump Disable
VINCPN
9.8
-
-
V
VCC Current - Run Mode
ICC
FS = 100kHz
4
-
-
mA
VINF Current - Hysteretic Mode
ICC - Idle
VFB = 5V, VCT = 0
78
-
110
µA
VCC Current - Shutdown
ICC
VSD = GND, VIN = 12V
2
-
17
µA
HIP5020



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com