Electronic Components Datasheet Search
  English  ▼

X  

HIP5061 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP5061
Description  7A, High Efficiency Current Mode Controlled PWM Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5061 Datasheet(HTML) 1 Page - Intersil Corporation

  HIP5061 Datasheet HTML 1Page - Intersil Corporation HIP5061 Datasheet HTML 2Page - Intersil Corporation HIP5061 Datasheet HTML 3Page - Intersil Corporation HIP5061 Datasheet HTML 4Page - Intersil Corporation HIP5061 Datasheet HTML 5Page - Intersil Corporation HIP5061 Datasheet HTML 6Page - Intersil Corporation HIP5061 Datasheet HTML 7Page - Intersil Corporation HIP5061 Datasheet HTML 8Page - Intersil Corporation HIP5061 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
7-53
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
407-727-9207
| Copyright
© Intersil Corporation 1999
HIP5061
7A, High Efficiency Current
Mode Controlled PWM Regulator
Description
The HIP5061 is a complete power control IC, incorporating
both the high power DMOS transistor, CMOS logic and low
level analog circuitry on the same Intelligent Power IC. The
standard “Boost”, “Buck-Boost”, “Cuk”, “Forward”, “Flyback”
and the “SEPIC” (Single-Ended Primary Inductance Con-
verter) power supply topologies may be implemented with
this single control IC.
Over-temperature and rapid short-circuit recovery circuitry is
incorporated within the IC. These protection circuits disable
the drive to the power transistor to protect the transistor and
insure rapid restarting of the supply after the short circuit is
removed.
As a result of the power DMOS transistors current (7A at 30%
duty cycle, 5A DC) and 60V capability, supplies with output
power over 50W are possible.
Ordering Information
PART
NUMBER
TEMPERATURE
RANGE
PACKAGE
HIP5061DS
0oC to +85oC
7 Lead Staggered “Gullwing” SIP
Features
• Single Chip Current Mode Control IC
• 60V, On-Chip DMOS Power Transistor
• Thermal Protection
• Over-Current Protection
• 250kHz Operation
• Output Rise and Fall Times - 10ns
• On-Chip Reference Voltage - 5.1V
• Slope Compensation
•VDD Clamp Allows 10.8V to 60V Supply
• Supply Current Does Not Increase When Power
Device is On
Applications
• Distributed / Board Mounted Power Supplies
• DC - DC Converter Modules
• Voltage Inverters
• Small Uninterruptable Power Supplies
• Cascode Switching for Off Line SMPS
File Number
3390.2
April 1994
Pinout
HIP5061 (SIP)
TOP VIEW
PIN 7 VDD
PIN 6 VG
PIN 5 DRAIN
PIN 4 SOURCE
PIN 3 FB
PIN 2 VC
PIN 1 GND
(TAB)
SOURCE
DO NOT
USE
Simplified Functional Diagram
SLOPE
COMPENSATION
5.1V
REFERENCE
GATE
DRIVER
CONTROL
LOGIC
VDD CLAMP
VDD
HIP5061
CLOCK
OVER
TEMP
UNDER
VOLTAGE
V/I
AMP
VC
FB
GND
DRAIN
VG
SOURCE
VOUT
VIN
2.5V
(TAB)


Similar Part No. - HIP5061

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP5060 INTERSIL-HIP5060 Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DW INTERSIL-HIP5060DW Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5060DY INTERSIL-HIP5060DY Datasheet
615Kb / 6P
Power Control IC Single Chip PowerSupply
August 1998
HIP5062 INTERSIL-HIP5062 Datasheet
655Kb / 7P
Power Control IC Single Chip Dual Switching Power Supply
August 1998
HIP5062DW INTERSIL-HIP5062DW Datasheet
655Kb / 7P
Power Control IC Single Chip Dual Switching Power Supply
August 1998
More results

Similar Description - HIP5061

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1846 MAXIM-MAX1846 Datasheet
452Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
19-2091; Rev 0; 8/01
logo
Sipex Corporation
SP6652 SIPEX-SP6652 Datasheet
201Kb / 11P
1A, High Efficiency, High Frequency Current Mode PWM Buck Regulator
SP6652 SIPEX-SP6652_07 Datasheet
1Mb / 16P
1A, High Efficiency, Fixed 1.4 MHz Current Mode PWM Buck Regulator
logo
Micrel Semiconductor
MIC22700 MICREL-MIC22700 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High Efficiency Synchronous Buck Regulator
MIC22700 MICREL-MIC22700_10 Datasheet
1Mb / 21P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
MIC22705 MICREL-MIC22705 Datasheet
1Mb / 28P
1MHz, 7A Integrated Switch High-Efficiency Synchronous Buck Regulator
logo
Maxim Integrated Produc...
MAX1846EUB-T MAXIM-MAX1846EUB-T Datasheet
325Kb / 20P
High-Efficiency, Current-Mode, Inverting PWM Controller
Rev 2; 9/10
logo
List of Unclassifed Man...
THX208 ETC2-THX208 Datasheet
804Kb / 22P
High-performance current - mode PWM regulator
logo
Feeling Technology Corp...
FP6277 FEELING-FP6277 Datasheet
627Kb / 12P
500kHz 7A High Efficiency Synchronous PWM Boost Converter
logo
Princeton Technology Co...
RS2053 PTC-RS2053 Datasheet
319Kb / 4P
High Efficiency Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com