Electronic Components Datasheet Search
  English  ▼

X  

HIP5061 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP5061
Description  7A, High Efficiency Current Mode Controlled PWM Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5061 Datasheet(HTML) 2 Page - Intersil Corporation

  HIP5061 Datasheet HTML 1Page - Intersil Corporation HIP5061 Datasheet HTML 2Page - Intersil Corporation HIP5061 Datasheet HTML 3Page - Intersil Corporation HIP5061 Datasheet HTML 4Page - Intersil Corporation HIP5061 Datasheet HTML 5Page - Intersil Corporation HIP5061 Datasheet HTML 6Page - Intersil Corporation HIP5061 Datasheet HTML 7Page - Intersil Corporation HIP5061 Datasheet HTML 8Page - Intersil Corporation HIP5061 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
7-54
Specifications HIP5061
Absolute Maximum Ratings (Note 1)
Thermal Information
DC Supply Voltage, VDD. . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
DC Supply Current, IDD . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 105mA
DMOS Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 60V
Average DMOS Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 5A
DMOS Source Voltage, VSOURCE, TAB . . . . . . . . . . . . -0.1V to 0.1V
DC Supply Voltage, VG. . . . . . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
Compensation Pin Current, IVC . . . . . . . . . . . . . . . . . -5mA to 35mA
Voltage at All Other Pins. . . . . . . . . . . . . . . . . . .-0.3V to VDD + 0.3V
Operating Junction Temperature Range. . . . . . . . . . . 0oC to +105oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -55oC to +150oC
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2 - 2KV
Single Pulse Avalanche Energy Rating,
µs (Note 2) . . . EAS 100mJ
Thermal Resistance
θ
JC
Plastic SIP Package . . . . . . . . . . . . . . . . . . . . . . . .
2oC/W
Maximum Package Power Dissipation at +85oC
(Depends Upon Mounting, Heat Sink and Application) . . . . . 10W
Max. Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . . +105oC
(Controlled By Thermal Shutdown Circuit)
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . +265oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = VG =12V, VC = 5V, VFB = 5.1V, SOURCE = GND = DRAIN = 0V, TJ = 0
oC to +105oC,
Unless Otherwise Specified
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DEVICE PARAMETERS
IDD
Quiescent Supply Current
VDD = VG = 13.2V, VC = 0V,
VFB = 4V
612
18
mA
IDD
Operating Supply Current
VDD = VG = 13.2V, VC = 8.5V, VFB = 4V
-
24
31
mA
IVG
Quiescent Current to Gate Driver
VDD = VG = 13.2V, VC = 0V
-
0
10
µA
IVG
Operating Current to Gate Driver
VC = 3V
-
1
2
mA
VDDC
Clamp Voltage
IDD = 100mA
13.3
14
15
V
VREF
Reference Voltage
IVC = 0µA, VC = VFB
5.0
5.1
5.2
V
AMPLIFIERS
|IFB|
Input Current
VFB = VREF
-
-0.85
0.5
µA
gm (VFB)VFB Transconductance
IVC/(VFB - VREF)
/IVC / = 500µA, Note 3
20
30
43
mS
IVCMAX
Maximum Source Current
VFB = 4.6V
-4
-1.8
-1
mA
IVCMAX
Maximum Sink Current
VFB = 5.6V
1
1.8
4
mA
AOL
Voltage Gain
/IVC / = 500µA, Note 3
44
50
-
dB
VCMAX
Short Circuit Recovery Compara-
tor Rising Threshold Voltage
5.4
6.6
8.9
V
VCHYS
Short Circuit Recovery
Comparator Hysteresis Voltage
0.7
1.1
1.8
V
IVCOVER
VC Over-Voltage Current
VDD = VG = 10.8V, VC = VCMAX
010
25
mA
CLOCK
fq
Internal Clock Frequency
210
250
290
kHz
DMOS TRANSISTOR
rDS(ON)
Drain-Source On-State
Resistance
IDRAIN = 5A, VDD = VG = 10.8V
TJ = +25
oC
-
0.15
0.22
Ω
rDS(ON)
Drain-Source On-State
Resistance
IDRAIN = 5A, VDD = VG = 10.8V
TJ = +105
oC
-
-
0.33
Ω
IDSS
Drain-Source Leakage Current
VDRAIN = 60V
-
0.5
10
µA
IDSH
Average Drain Short Circuit
Current
VDRAIN = 5V, Note 4
-
-
5
A
CDRAIN
DRAIN Capacitance
Note 4
-
200
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com